Electronic Components Datasheet Search
  English  ▼

X  

1925786 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1925786
Description  FKC 2,5/11-ST-5,08-RF - PCB connector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1925786 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1925786 Datasheet HTML 1Page - PHOENIX CONTACT 1925786 Datasheet HTML 2Page - PHOENIX CONTACT 1925786 Datasheet HTML 3Page - PHOENIX CONTACT 1925786 Datasheet HTML 4Page - PHOENIX CONTACT 1925786 Datasheet HTML 5Page - PHOENIX CONTACT 1925786 Datasheet HTML 6Page - PHOENIX CONTACT 1925786 Datasheet HTML 7Page - PHOENIX CONTACT 1925786 Datasheet HTML 8Page - PHOENIX CONTACT 1925786 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
11, number of rows: 1, number of positions: 11, number of connections: 11, product range: FKC
2,5/..-ST-RF, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Snap-in locking, mounting: Self-locking flange, type of packaging: packed in cardboard,
Article with self-locking flange
Your advantages
Time saving push-in connection, tools not required
•
Intuitive use through colour coded actuation lever
•
Quick and convenient testing using integrated test option
•
Can be combined with the MSTB 2,5 range
•
Intuitive locking mechanism prevents accidental disconnection
•
Commercial data
Item number
1925786
Packing unit
1 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA03
Product key
AACFBG
Catalog page
Page 275 (C-1-2013)
GTIN
4017918819842
Weight per piece (including packing)
20.5 g
Weight per piece (excluding packing)
18.334 g
Customs tariff number
85366990
Country of origin
DE
FKC 2,5/11-ST-5,08-RF - PCB connector
1925786
https://www.phoenixcontact.com/us/products/1925786
Oct 6, 2023, 6:22 AM
Page 1 (17)


Similar Part No. - 1925786

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19257 FESTO-19257 Datasheet
89Kb / 2P
ISO cylinder
192570 FESTO-192570 Datasheet
80Kb / 1P
Fine filter
logo
PHOENIX CONTACT
1925702 PHOENIX-1925702 Datasheet
744Kb / 18P
PCB connector - FKC 2,5/ 3-ST-5,08-RF
logo
Festo Corporation.
192571 FESTO-192571 Datasheet
81Kb / 1P
Fine filter
logo
PHOENIX CONTACT
1925715 PHOENIX-1925715 Datasheet
732Kb / 18P
PCB connector - FKC 2,5/ 4-ST-5,08-RF
More results

Similar Description - 1925786

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1873100 PHOENIX-1873100 Datasheet
142Kb / 7P
FKC 2,5/ 7-ST-5,08
1873126 PHOENIX-1873126 Datasheet
141Kb / 7P
FKC 2,5/ 9-ST-5,08
1792601 PHOENIX-1792601 Datasheet
101Kb / 7P
Printed-circuit board connector - FKC 2,5/11-ST-5,08-LR
1873294 PHOENIX-1873294 Datasheet
140Kb / 6P
FKC 2,5/11-STF-5,08
1925692 PHOENIX-1925692 Datasheet
715Kb / 17P
PCB connector - FKC 2,5/ 2-ST-5,08-RF
1925702 PHOENIX-1925702 Datasheet
744Kb / 18P
PCB connector - FKC 2,5/ 3-ST-5,08-RF
1925715 PHOENIX-1925715 Datasheet
732Kb / 18P
PCB connector - FKC 2,5/ 4-ST-5,08-RF
1925728 PHOENIX-1925728 Datasheet
749Kb / 18P
PCB connector - FKC 2,5/ 5-ST-5,08-RF
1925773 PHOENIX-1925773 Datasheet
720Kb / 17P
PCB connector - FKC 2,5/10-ST-5,08-RF
1942426 PHOENIX-1942426 Datasheet
606Kb / 20P
FKC 2,5 HC/ 7-ST-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com