Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBE Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBE
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBE Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBE Datasheet HTML 53Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 54Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 55Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 56Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 57Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 58Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 59Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 60Page - Advanced Micro Devices AM29BDD160GT2DPBE Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 79 page
background image
June 7, 2006
Am29BDD160G
55
DC CHARACTERISTICS (Continued)
Zero Power Flash
Note: Addresses are switching at 1 MHz
Figure 10.
I
CC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
5
4
3
2
1
0
0
500
1000
1500
2000
2500
3000
3500
4000
Time in ns
20
16
4
0
12
3
45
Frequency in MHz
Note: T = -40
°C
Figure 11.
Typical I
CC1 vs. Frequency
2.7 V
8
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com