Electronic Components Datasheet Search
  English  ▼

X  

COM20022ITQFP Datasheet(PDF) 65 Page - SMSC Corporation

Part # COM20022ITQFP
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022ITQFP Datasheet(HTML) 65 Page - SMSC Corporation

Back Button COM20022ITQFP Datasheet HTML 61Page - SMSC Corporation COM20022ITQFP Datasheet HTML 62Page - SMSC Corporation COM20022ITQFP Datasheet HTML 63Page - SMSC Corporation COM20022ITQFP Datasheet HTML 64Page - SMSC Corporation COM20022ITQFP Datasheet HTML 65Page - SMSC Corporation COM20022ITQFP Datasheet HTML 66Page - SMSC Corporation COM20022ITQFP Datasheet HTML 67Page - SMSC Corporation COM20022ITQFP Datasheet HTML 68Page - SMSC Corporation COM20022ITQFP Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I
Page 65
Revision 02-27-06
DATASHEET
A0-A2
VALID DATA
VALID
D0-D15
nCS
t8
t1
t9
t3
t6
t4
t2
nDS
DIR
t5
t7
t10
t11
nIOCS16
t12
VALID VALUE
t13
Note 2
Parameter
min
max
units
t1
t2
t3
t4
t5
t6
t7
15
10
5**
0
nS
Address Setup to nDS Active
Address Hold from nDS Inactive
nCS Setup to nDS Active
nCS Hold from nDS Inactive
DIR Setup to nDS Active
Cycle Time (nDS Low to Next Time Low)
DIR Hold from nDS Inactive
4TARB
*
nS
nS
nS
nS
nS
nS
t8
nS
nDS Low to Valid Data
40**
t9
t10
t11
t12
t13
nS
nS
nS
nS
nS
nDS High to Data High Impedence
nDS Low Width
nDS High Width
nIOCS16 Output Delay from nCS Low
nIOCS16 Hold Delay from nCS High
20
10
10
0
60
20
CASE 1: BUSTMG pin = HIGH and RBUSTMG bit = 0
0****
40***
The Microcontroller typically accesses the COM20022 on every other cycle.
Therefore, the cycle time specified in the microcontroller's datasheet
should be doubled when considering back-to-back COM20022 cycles.
Note 1:
nCS may become active after control becomes active, but the access time (t8) will
now be 45nS measured from the leading edge of nCS.
**
*** t12 is measured from the latest active (valid) timing among nCS, A0-A2.
TARB is the Arbitration Clock Period
TARB is identical to Topr if SLOW ARB = 0
*
TARB is twice Topr if SLOW ARB = 1
Topr is the period of operation clock. It depends on CKUP1 and CKUP0 bits
t13 is measured from the earliest inactive (invalid) timing among nCS, A0-A2.
****
Note 2: Read cycle for Address Pointer Low/High Registers occurring after an access
to Data Register requires a minimum of 5TARB from the trailing edge of nDS to
the leading edge of the next nDS.
Note 2 is applied to an access to Data Register by DMA transfer.
Figure 8.7
- Non-Multiplexed Bus, 68XX-Like Control Signals; Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com