Electronic Components Datasheet Search
  English  ▼

X  

HC5523 Datasheet(PDF) 17 Page - Intersil Corporation

Part # HC5523
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button HC5523 Datasheet HTML 13Page - Intersil Corporation HC5523 Datasheet HTML 14Page - Intersil Corporation HC5523 Datasheet HTML 15Page - Intersil Corporation HC5523 Datasheet HTML 16Page - Intersil Corporation HC5523 Datasheet HTML 17Page - Intersil Corporation HC5523 Datasheet HTML 18Page - Intersil Corporation HC5523 Datasheet HTML 19Page - Intersil Corporation HC5523 Datasheet HTML 20Page - Intersil Corporation HC5523 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
IL = [|VBAT| - 3] / [RL +1800], TA = 25
oC
29. Ground Key Detector - (TRIGGER) Increase the input current
to 8mA and verify that DET goes low.
(RESET) Decrease the input current from 17mA to 3mA and
verify that DET goes high.
(Hysteresis) Compare difference between trigger and reset.
30. Power Supply Rejection Ratio - Inject a 100mVRMS signal
(50Hz to 4kHz) on VBAT, VCC and VEE supplies. PSRR is com-
puted using the following equation:
PSRR = 20
• log (VTX/VIN). VTX and VIN are defined in Figure
12.
HC5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com