Electronic Components Datasheet Search
  English  ▼

X  

HC5523IM Datasheet(PDF) 21 Page - Intersil Corporation

Part # HC5523IM
Description  LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5523IM Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HC5523IM Datasheet HTML 14Page - Intersil Corporation HC5523IM Datasheet HTML 15Page - Intersil Corporation HC5523IM Datasheet HTML 16Page - Intersil Corporation HC5523IM Datasheet HTML 17Page - Intersil Corporation HC5523IM Datasheet HTML 18Page - Intersil Corporation HC5523IM Datasheet HTML 19Page - Intersil Corporation HC5523IM Datasheet HTML 20Page - Intersil Corporation HC5523IM Datasheet HTML 21Page - Intersil Corporation HC5523IM Datasheet HTML 22Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
HC5523
Plastic Leaded Chip Carrier Packages (PLCC)
NOTES:
1. Controlling dimension: INCH. Converted millimeter dimensions are
not necessarily exact.
2. Dimensions and tolerancing per ANSI Y14.5M-1982.
3. Dimensions D1 and E1 do not include mold protrusions. Allowable
mold protrusion is 0.010 inch (0.25mm) per side. Dimensions D1
and E1 include mold mismatch and are measured at the extreme
material condition at the body parting line.
4. To be measured at seating plane
contact point.
5. Centerline to be determined where center leads exit plastic body.
6. “N” is the number of terminal positions.
-C-
A1
A
SEATING
PLANE
0.020 (0.51)
MIN
VIEW “A”
D2/E2
0.025 (0.64)
0.045 (1.14)
R
0.042 (1.07)
0.056 (1.42)
0.050 (1.27) TP
E
E1
0.042 (1.07)
0.048 (1.22)
PIN (1) IDENTIFIER
C
L
D1
D
0.020 (0.51) MAX
3 PLCS
0.026 (0.66)
0.032 (0.81)
0.045 (1.14)
MIN
0.013 (0.33)
0.021 (0.53)
0.025 (0.64)
MIN
VIEW “A” TYP.
0.004 (0.10)
C
-C-
D2/E2
C
L
N28.45 (JEDEC MS-018AB ISSUE A)
28 LEAD PLASTIC LEADED CHIP CARRIER PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.165
0.180
4.20
4.57
-
A1
0.090
0.120
2.29
3.04
-
D
0.485
0.495
12.32
12.57
-
D1
0.450
0.456
11.43
11.58
3
D2
0.191
0.219
4.86
5.56
4, 5
E
0.485
0.495
12.32
12.57
-
E1
0.450
0.456
11.43
11.58
3
E2
0.191
0.219
4.86
5.56
4, 5
N28
28
6
Rev. 2 11/97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com