Electronic Components Datasheet Search
  English  ▼

X  

COM20020ILJP3V Datasheet(PDF) 4 Page - SMSC Corporation

Part # COM20020ILJP3V
Description  Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020ILJP3V Datasheet(HTML) 4 Page - SMSC Corporation

  COM20020ILJP3V Datasheet HTML 1Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 2Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 3Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 4Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 5Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 6Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 7Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 8Page - SMSC Corporation COM20020ILJP3V Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
4
DISCONTINUED DATASHEET
PIN CONFIGURATION
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
A0/nMUX
A1
A2/ALE
AD0
AD1
AD2
D3
D4
D5
D6
D7
nRD/nDS
nWR/DIR
nCS
nINTR
nRESET IN
nTXEN
RXIN
nPULSE2
nPULSE1
XTAL2
XTAL1
VDD
26
27
28
1
2
3
4
18
17
16
15
14
13
12
25
24 23 22
21
20
19
5
6
7
8
9
10 11
n
C
nI
N
T
n
R
E
S
E
V
S
nT
X
E
R
XI
N
n
P
U
L
A
D
V
S
A
D
D
3
D
4
D
5
D
6
nPULSE
XTAL2
XTAL1
VDD
VSS
N/C
D7
nWR/DIR
nRD/nD
VDD
A2/ALE
AD0
A1
Packages: 24-Pin DIP or 28-Pin
Ordering
COM2002
VSS
A0/nMU
PACKAGE TYPE: P = Plastic, LJP =
TEMP RANGE:
I = Industrial: -40°C to
DEVICE TYPE: 20020 = Universal Local Area Network
(with 2K x 8
P
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com