Electronic Components Datasheet Search
  English  ▼

X  

MAS806SQ Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MAS806SQ
Description  Oscillation Frequency (Hz) 2800 ± 500
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MAS806SQ Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MAS806SQ Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
MAS806SQ
Sales Outline Drawing
Revision
D
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
Oscillation Frequency (Hz)
2800 ± 500
Operating Voltage (Vdc)
6 ~ 14
Rated Voltage (Vdc)
12
Current Consumption Max. (mA)
50 at 14 Vdc
Sound Pressure Level (dB/min)
103 dB @ 10 cm @ 12 Vdc
Tone/Pulse Rate
Constant
Operating Temperature (°C)
-20 ~ +90
Storage Temperature (°C)
-30 ~ +100
Lead Pin
Tin Plated Brass
Housing
ABS 777D UL94HB Plastic resin
(Color: Gray)
Weight (Grams)
10
Condition by wave soldering (°C)
245 ±5 / 3±0.5 sec
Condition by hand soldering (°C)
350 ±20 / within 5 sec
Options
For other options contact factory
Dimensions: (units: mm)
ROHS Compliant


Similar Part No. - MAS806SQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
More results

Similar Description - MAS806SQ

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MAS803SQ MSPI-MAS803SQ Datasheet
110Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MAS806Q MSPI-MAS806Q Datasheet
96Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-24AQ MSPI-PS-550DG-24AQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-550DG-AQ MSPI-PS-550DG-AQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-551DBQ MSPI-PS-551DBQ Datasheet
82Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-551DGQ MSPI-PS-551DGQ Datasheet
89Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-551DYQ MSPI-PS-551DYQ Datasheet
83Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-554DY-AQ MSPI-PS-554DY-AQ Datasheet
83Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
PS-554F-12V-VRQ MSPI-PS-554F-12V-VRQ Datasheet
100Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com