Electronic Components Datasheet Search
  English  ▼

X  

MSR320R Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSR320R
Description  Sound Level Category Medium
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSR320R Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSR320R Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Medium
3 to 20 VDC
Specifications:
MSR320R
G
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Voltage Rating
Sound Level Category
Mode of Operation
Continuous
3-16mA
-40° to +85° C
-40° to +85° C
Valox (UL94V-0), Color Blue
Options
Storage Temperature
Housing Material
3800 ± 500 Hz
Frequency
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010 ·
www.mallory-sonalert.com
ROHS Compliant
3.5g
Please contact factory.
Weight (Typical)
Dimensions: Inches (mm)
Loudness @ 1 FT
Current Draw
Operating Temperature
73 to 86 dB(A) Typ.


Similar Part No. - MSR320R

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSR320SR MSPI-MSR320SR Datasheet
49Kb / 1P
Sound Level Category Medium
More results

Similar Description - MSR320R

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SBM2R MSPI-SBM2R Datasheet
41Kb / 1P
Sound Level Category Medium
SBM428R MSPI-SBM428R Datasheet
49Kb / 1P
Sound level Category Medium Sound Level
SBM616JR MSPI-SBM616JR Datasheet
28Kb / 1P
Sound Level Category Medium
SBM616JUR MSPI-SBM616JUR Datasheet
30Kb / 1P
Sound Level Category Medium
SBM616PR MSPI-SBM616PR Datasheet
28Kb / 1P
Sound Level Category Medium
SBM616PUR MSPI-SBM616PUR Datasheet
54Kb / 1P
Sound Level Category Medium
MSO320R MSPI-MSO320R Datasheet
43Kb / 1P
Sound Level Category Medium
MSO320SR MSPI-MSO320SR Datasheet
48Kb / 1P
Sound Level Category Medium
MSR205NJSR MSPI-MSR205NJSR Datasheet
57Kb / 1P
Sound Level Category Loud
MSR320SR MSPI-MSR320SR Datasheet
49Kb / 1P
Sound Level Category Medium
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com