Electronic Components Datasheet Search
  English  ▼

X  

HMP8154 Datasheet(PDF) 21 Page - Intersil Corporation

Part # HMP8154
Description  NTSC/PAL Encoders
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HMP8154 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HMP8154 Datasheet HTML 17Page - Intersil Corporation HMP8154 Datasheet HTML 18Page - Intersil Corporation HMP8154 Datasheet HTML 19Page - Intersil Corporation HMP8154 Datasheet HTML 20Page - Intersil Corporation HMP8154 Datasheet HTML 21Page - Intersil Corporation HMP8154 Datasheet HTML 22Page - Intersil Corporation HMP8154 Datasheet HTML 23Page - Intersil Corporation HMP8154 Datasheet HTML 24Page - Intersil Corporation HMP8154 Datasheet HTML 25Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
4343.4
November 4, 2005
TABLE 19. CLOSED CAPTION_21A DATA REGISTER
SUB ADDRESS = 10H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Line 21 Caption
Data
(First Byte)
This register is cascaded with the closed caption_21B data register and they are read out se-
rially as 16 bits during line 18, 21, or 22 if line 21 captioning is enabled. Bit D0 of the 21A data
register is shifted out first.
80H
TABLE 20. CLOSED CAPTION_21B DATA REGISTER
SUB ADDRESS = 11H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Line 21 Caption
Data
(Second Byte)
This register is cascaded with the closed caption_21A data register and they are read out se-
rially as 16 bits during line 18, 21, or 22 if line 21 captioning is enabled. Bit D0 of the 21A data
register is shifted out first.
80H
TABLE 21. CLOSED CAPTION_284A DATA REGISTER
SUB ADDRESS = 12H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Line 284 Caption
Data
(First Byte)
This register is cascaded with the closed caption_284B data register and they are read out se-
rially as 16 bits during line 281, 284, or 335 if line 284 captioning is enabled. Bit D0 of the 284A
data register is shifted out first.
80H
TABLE 22. CLOSED CAPTION_284B DATA REGISTER
SUB ADDRESS = 13H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Line 284 Caption
Data
(Second Byte)
This register is cascaded with the closed caption_284A data register and they are read out se-
rially as 16 bits during line 281, 284, or 335 if line 284 captioning is enabled. Bit D0 of the 284A
data register is shifted out first.
80H
TABLE 23. START H_BLANK LOW REGISTER
SUB ADDRESS = 20H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-0
Assert BLANK
Output Signal
(Horizontal)
This 8-bit register is cascaded with Start H_Blank High Register to form a 10-bit
start_horizontal_blank register. It specifies the horizontal count (in 1X clock cycles) at which
to start ignoring pixel data each scan line. The leading edge of HSYNC is count 020H. This
register is ignored unless BLANK is configured as an output.
4AH
TABLE 24. START H_BLANK HIGH REGISTER
SUB ADDRESS = 21H
BIT
NUMBER
FUNCTION
DESCRIPTION
RESET
STATE
7-2
Reserved
000000B
1-0
Assert BLANK
Output Signal
(Horizontal)
This 2-bit register is cascaded with Start H_Blank Low Register to form a 10-bit
start_horizontal_blank register. It specifies the horizontal count (in 1x clock cycles) at which to
start ignoring pixel data each scan line. The leading edge of HSYNC is count 020H. This reg-
ister is ignored unless BLANK is configured as an output.
11B
HMP8154, HMP8156A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com