Electronic Components Datasheet Search
  English  ▼

X  

HC5503TCBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC5503TCBZ
Description  Balanced PBX / Key System SLIC, Subscriber Line Interface Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5503TCBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HC5503TCBZ Datasheet HTML 1Page - Intersil Corporation HC5503TCBZ Datasheet HTML 2Page - Intersil Corporation HC5503TCBZ Datasheet HTML 3Page - Intersil Corporation HC5503TCBZ Datasheet HTML 4Page - Intersil Corporation HC5503TCBZ Datasheet HTML 5Page - Intersil Corporation HC5503TCBZ Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Absolute Maximum Ratings (Note 1)
Thermal Information
Maximum Continuous Supply Voltages
(VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to 0.5V
(VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 7V
(VCC - VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V
Relay Drive Voltage (VRD). . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 15V
Operating Conditions
Temperature Range
HC-5503T-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 75°C
Positive Supply Voltage (VCC). . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Negative Supply Voltage (VBAT) . . . . . . . . . . . . . . . . . .-24V to -58V
High Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V
Low Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
Thermal Resistance (Typical, Note 2)
θ
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
Die Characteristics
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied.
2.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, VBAT = -48V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Off Hook IB+
RL = 600Ω, TA = 25°C
-
-
5.3
mA
Off Hook IB-
RL = 600Ω
-
-
39
mA
Off Hook Loop Current
RL = 1200Ω
-
21
-
mA
Off Hook Loop Current
RL = 1200Ω, VBAT = -42V, TA = 25°C
17.5
-
-
mA
Off Hook Loop Current
RL = 200Ω
25.5
30
34.5
mA
Switch Hook Detection Threshold
SHD = VOL
10
-
-
mA
SHD = VOH
-
-
5
mA
Dial Pulse Distortion
0
-
5
µs
Longitudinal Balance
1VRMS 200Hz - 3400Hz, (Note 3) IEEE Method
0°C
≤ T
A ≤ 75°C
2-Wire Off Hook
-
65
-
dB
2-Wire On Hook
-
63
-
dB
Tip and Ring to TX, Off Hook
-
58
-
dB
Insertion Loss
At 1kHz, 0dBm Input Level, Referenced 600
Ω
-
±0.05
±0.2
dB
2-Wire to TX, RX to 2-Wire
Frequency Response
200 - 3400Hz Referenced to Absolute Loss at 1kHz and
0dBm Signal Level (Note 3)
-
±0.02
±0.05
dB
Idle Channel Noise
(Note 3)
-
1
5
dBrnC
2-Wire to TX, RX to 2-Wire
-
-89
-85
dBm0p
Trans Hybrid Loss,
RX to TX
Balance Network Set Up for 600
Ω Termination at 1kHz
-
40
-
dB
Overload Level, 2-Wire to TX, RX to 2-Wire
VCC = +5V, (Note 3)
2.5
-
-
VPEAK
HC5503T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com