Electronic Components Datasheet Search
  English  ▼

X  

AM70PDL127CDH Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM70PDL127CDH
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL127CDH Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM70PDL127CDH Datasheet HTML 72Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 73Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 74Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 75Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 76Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 77Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 78Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 79Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 127 page
background image
74
Am70PDL127CDH/Am70PDL129CDH
November 24, 2003
ADV ANCE
I N FO RMAT I O N
PSRAM AC CHARACTERISTICS
Functional Description
Note: “X” means don’t care. (Must be low or high state).
Absolute Maximum Ratings
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Functional operation should be restricted to be used under recommended operating condition. Exposure to absolute maximum
rating conditions longer than 1 second may affect reliability.
CS#1s
CS2s
OE#
WE#
LB#
UB#
I/O
1-8
I/O
9-16
Mode
Power
H
H
X
X
X
X
High-Z
High-Z
Deselected
Standby
X
L
X
X
X
X
High-Z
High-Z
Deselected
Deep Power Down
L
H
X
X
H
H
High-Z
High-Z
Deselected
Standby
L
H
H
H
L
X
High-Z
High-Z
Output Disabled
Active
L
H
H
H
X
L
High-Z
High-Z
Output Disabled
Active
LH
L
H
L
H
D
OUT
High-Z
Lower Byte Read
Active
LH
L
H
H
L
High-Z
D
OUT
Upper Byte Read
Active
LH
L
H
L
L
D
OUT
D
OUT
Word Read
Active
LH
X
L
L
H
D
IN
High-Z
Lower Byte Write
Active
L
H
X
LLL
D
IN
D
IN
Word Write
Active
Item
Symbol
Ratings
Unit
Voltage on any pin relative to V
SS
V
IN, VOUT
-0.2 to V
CC + 0.3V
V
Voltage on V
CC supply relative to VSS
V
CC
-0.2 to 3.6 V
V
Power Dissipation
P
D
1.0
W
Storage Temperature
T
STG
-65 to 150
°C
Operating Temperature
T
A
-40 to 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com