Electronic Components Datasheet Search
  English  ▼

X  

BC2016A Datasheet(PDF) 2 Page - Xtaltq Technologies Co.,Ltd.

Part # BC2016A
Description  Small size (2.0x1.6mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XTALTQ [Xtaltq Technologies Co.,Ltd.]
Direct Link  https://www.xtaltq.com/
Logo XTALTQ - Xtaltq Technologies Co.,Ltd.

BC2016A Datasheet(HTML) 2 Page - Xtaltq Technologies Co.,Ltd.

  BC2016A Datasheet HTML 1Page - Xtaltq Technologies Co.,Ltd. BC2016A Datasheet HTML 2Page - Xtaltq Technologies Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eg: BC2016AI105-32.000-8PF
Reliability Test Specifications
Test item
Specification
Conditions
Drop Test
GB/T2423.8
150CM height,fall freely onto concrete
floor 3 times.
Mechanical
Shock
GB/T2423.5
Device are shocked to half sine wave
(1000G) three mutually perpendicular
axes each 3 times. 0.5m sec.duration
time.
Vibration Test
GB/T2423.10
Amplitude 1.52mm
Time 20 min
Enable Crystal from 10~2000Hz, X,Y,Z
horizontal, 1time/ 2hours
Solderability Test
IEC60068-2-58
Solderabiliity: 245±5
℃
Height: 0.5mm
Time: 3±0.5second
Scaling powder: rosin resin methanol
solvent (1:4)
High Temp Storage
GB/T2423.2
500±12 hours at +125
℃±2℃
TEMP &HUM
CYCLING TEST
GB/T2423.3
Temperature:85
℃±3℃
Humidity:85%
500h
Ordering Guide
Low Temp Storage
GB/T2423.1
500±12 hours at -40
℃±2℃
TEMP CYCLING TEST
GB/T2423.22
10 cycles as below table
BC
Product:
Resonator
Outline:
2.0mm x 1.6mm
XXX
2016
Temp. Range:
C: -20℃~+70℃
I: -40℃~+85℃
Load
Capacitance:
Eg:12PF
Temp. Stability:
105: ±10ppm
205: ±20ppm
Frequency:
xxMHz
Eg:10.000
XX
X
Package:
A: Package A
A
-
-
X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com