Electronic Components Datasheet Search
  English  ▼

X  

M750000009 Datasheet(PDF) 123 Page - SPANSION

Part # M750000009
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000009 Datasheet(HTML) 123 Page - SPANSION

Back Button M750000009 Datasheet HTML 119Page - SPANSION M750000009 Datasheet HTML 120Page - SPANSION M750000009 Datasheet HTML 121Page - SPANSION M750000009 Datasheet HTML 122Page - SPANSION M750000009 Datasheet HTML 123Page - SPANSION M750000009 Datasheet HTML 124Page - SPANSION M750000009 Datasheet HTML 125Page - SPANSION M750000009 Datasheet HTML 126Page - SPANSION M750000009 Datasheet HTML 127Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 136 page
background image
February 5, 2004
Am75PDL191CHH/Am75PDL193CHH
121
ADV ANCE
I N FO RMAT I O N
PSRAM AC CHARACTERISTICS
Functional Description
Note: L = Low-level Input (V
IL), H = High-level Input (VIH), X = VIH or VIL, High-Z = High-impedance.
Absolute Maximum Ratings
Note: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Recommended Operating Conditions (Ta = -25
oC to 85oC)
Note: All voltages are reference to GND. *: VI
H (Max) VDD+1.0 V with 10 ns pulse width, VIL (Min) -1.0 V with 10 ns pulse width.
Mode
CE1# CE2
OE#
WE#
LB#
UB#
Add
I/01 to I/08
I/01 to I/08
Power
Read (Word)
L
H
L
H
L
L
X
D
OUT
D
OUT
I
DDO
Read (Lower Byte)
L
HLHLH
X
D
OUT
High-Z
I
DDO
Read (Upper Byte)
L
H
L
H
H
L
X
High-Z
D
OUT
I
DDO
Write (Word)
L
H
X
L
L
L
X
D
IN
D
IN
I
DDO
Write (Lower Byte)
L
H
X
L
L
H
X
D
IN
Invalid
I
DDO
Write (Upper Byte)
L
H
X
L
H
L
X
Invalid
D
IN
I
DDO
Outputs Disabled
L
H
H
H
X
X
X
High-Z
High-Z
I
DDO
Standby
H
H
XXXX
X
High-Z
High-Z
I
DDO
Deep Power-down Standby
H
L
XXXX
X
High-Z
High-Z
I
DDO
Symbol
Ratings
Value
Unit
V
DD
Power Supply Voltage
-1.0 to 3.6
V
V
IN
Input Voltage
-1.0 to 3.6
V
V
OUT
Output Voltage
-1.0 to 3.6
V
T
opr.
Operating Temperature
-25 to 85
oC
T
strg.
Storage Temperature
-55 to 150
W
P
D
Power Dissipation
0.6
oC
I
OUT
Short Circuit Output Current
50
oC
Symbol
Ratings
Min
Typ
Max
Unit
V
DD
Power Supply Voltage
2.6
2.75
3.3
V
V
IH
Input High Voltage
2.0
-
V
DD + 0.3*
I
OUT
Input Low Voltage
-0.3*
-
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com