Electronic Components Datasheet Search
  English  ▼

X  

M750000009 Datasheet(PDF) 125 Page - SPANSION

Part # M750000009
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000009 Datasheet(HTML) 125 Page - SPANSION

Back Button M750000009 Datasheet HTML 121Page - SPANSION M750000009 Datasheet HTML 122Page - SPANSION M750000009 Datasheet HTML 123Page - SPANSION M750000009 Datasheet HTML 124Page - SPANSION M750000009 Datasheet HTML 125Page - SPANSION M750000009 Datasheet HTML 126Page - SPANSION M750000009 Datasheet HTML 127Page - SPANSION M750000009 Datasheet HTML 128Page - SPANSION M750000009 Datasheet HTML 129Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 136 page
background image
February 5, 2004
Am75PDL191CHH/Am75PDL193CHH
123
ADV ANCE
I N FO RMAT I O N
AC Characteristics and Operating Conditions
Notes:
1.
Stresses greater than listed under “Absolute Maximum Ratings” may
cause permanent damage to the device.
2.
All voltages are reference to GND.
3.
IDDO depends on the cycle time.
4.
IDDO depends on output loading. Specified values are defined
with the output open condition.
5.
AC measurements are assumed t
R, tF = 5 ns.
6.
Parameters t
OD, tODO, tBD and tODW define the time at which the
output goes the open condition and are not output voltage
reference levels.
7.
Data cannot be retained at deep power-down standby mode.
Symbol
Parameter
Min
Max
Unit
t
RC
Read Cycle Time
70
1000
ns
t
ACC
Address Access Time
-
70
ns
t
CO
Chip Enable (CE1#) Access Time
-
70
ns
t
OE
Output Enable Access Time
-
25
ns
t
BA
Data Byte Control Access Time
-
25
ns
t
COE
Chip Enable Low to Output Active
10
-
ns
t
OEE
Output Enable Low to Output Active
0
-
ns
t
BE
Data Byte Control Low to Output Active
0
-
ns
t
OD
Chip Enable High to Output High-Z
-
20
ns
t
ODO
Output Enable High to Output High-Z
-
20
ns
t
BD
Data Byte Control High to Output High-Z
-
20
ns
t
OH
Output Data Hold Time
10
-
ns
t
PM
Page Mode Time
70
10000
ns
t
PC
Page Mode Cycle Time
30
-
ns
t
AA
Page Mode Address Access Time
-
30
ns
t
AOH
Page Mode Output Data Hold Time
10
-
ns
t
WC
Write Cycle Time
70
10000
ns
t
WP
Write Pulse Width
50
-
ns
t
CW
Chip Enable to End of Write
70
-
ns
t
BW
Data Byte Control to End of Write
60
-
ns
t
AW
Address Valid to End of Write
60
-
ns
t
AS
Address Set-up Time
0
-
ns
t
WR
Write Recovery Time
0
-
ns
t
CEH
Chip Enable High Pulse Width
10
-
ns
t
WEH
Write Enable High Pulse Width
6
-
ns
t
ODW
WE# Low to Output High-Z
-
20
ns
t
OEW
WE# High to Output Active
0
-
ns
t
DS
Data Set-up Time
30
-
ns
t
DH
Data Hold Time
0
-
ns
t
CS
CE2 Set-up Time
0
-
ns
t
CH
CE2 Hold Time
300
-
ns
t
CPD
CE2 Pulse Width
10
-
ms
t
CHC
CE2 Hold from CE1#
0
-
ns
t
CHP
CE2 Hold from Power on
30
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com