Electronic Components Datasheet Search
  English  ▼

X  

100 Datasheet(PDF) 3 Page - SIKA BUILDING TRUST

Part # 100
Description  Parex 100 Newton Grout
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIKA [SIKA BUILDING TRUST]
Direct Link  https://gbr.sika.com/
Logo SIKA - SIKA BUILDING TRUST

100 Datasheet(HTML) 3 Page - SIKA BUILDING TRUST

  100 Datasheet HTML 1Page - SIKA BUILDING TRUST 100 Datasheet HTML 2Page - SIKA BUILDING TRUST 100 Datasheet HTML 3Page - SIKA BUILDING TRUST 100 Datasheet HTML 4Page - SIKA BUILDING TRUST  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1 tonne of Parex 100 Newton Grout will yield approximately 0.52 m³ of
mixed grout at the recommended water addition.
The yield per 25kg of Parex 100 Newton Grout is approximately 12.5 litres.
Layer thickness
10 mm minimum / 100 mm maximum
Ambient air temperature
5°C minimum / 35°C maximum
Substrate temperature
5°C minimum / 35°C maximum
Pot Life
Up to 60 minutes if kept mobile after mixing.
Setting time
~300 minutes at 20ºC
Initial set time
~220 minutes at 20ºC
BASIS OF PRODUCT DATA
All technical data stated in this Product Data Sheet are
based on laboratory tests. Actual measured data may
vary due to circumstances beyond our control.
IMPORTANT CONSIDERATIONS
Do not exceed water addition.
▪
Not to be used for concrete repair works.
▪
Do not use vibrating pokers.
▪
Use only on clean, sound substrate.
▪
Avoid application in direct sun and / or strong wind.
▪
Pour or pump from one side only.
▪
Keep exposed surfaces to a minimum.
▪
Do not add additional water during the surface fin-
ishing, as this will cause discoloration and / or crack-
ing.
▪
Protect freshly applied material from freeze-thaw ac-
tion.
▪
To avoid cracking in warm temperatures, keep bags
cool and use cold water.
▪
ECOLOGY, HEALTH AND SAFETY
For information and advice on the safe handling, stor-
age and disposal of chemical products, users shall
refer to the most recent Safety Data Sheet (SDS) con-
taining physical, ecological, toxicological and other
safety-related data.
APPLICATION INSTRUCTIONS
SUBSTRATE QUALITY / PRE-TREATMENT
Concrete, mortar, stone:
Surfaces must be sound, thoroughly clean, free from
ice, oils, grease, standing water and any loose or fri-
able particles, and any other surface contaminants.
Steel, iron:
Clean, free from oil or grease, rust and scale, etc.
Shutter / Formwork:
Where formwork is to be used, all formwork should be
of adequate strength, treated with release agent and
sealed to prevent leakage. Sealing can be achieved by
using Sikaflex®-11FC+ sealant beneath or around form-
work, and between joints. Ensure formwork includes
outlets for extraction of the pre-soaking water.
A header box / hopper should be constructed on one
side of the formwork so that a grout head of 150 to
200 mm can be maintained during the grouting opera-
tion.
MIXING
Pour the required quantity of clean water (4.5 litres
per 25 kg bag, or 180 litres per one tonne) into the
mixing vessel for each complete unit of Parex 100
Newton Grout to be used. Slowly add the powder to
the water whilst continually mixing. Mechanical mixing
should be carried out using either a high torque slow
speed drill with a grout stirrer, or a grout mixer set on
slow speed for small mixes. For larger mixes, use
forced action type mixers (high speed or colloidal mix-
ing may cause thixotropy leading to loss of flow). This
material is not suitable for mixing by hand. It is of up-
most importance that the product is mixed thoroughly
enough that a grout consistency is obtained without
the addition of further water (at least 3 minutes).
Fresh grout should be allowed to stand until the air
entrapped by mixing has been released.
APPLICATION
Grout should be placed within 10 minutes of mixing,
or 60 minutes if kept mobile prior to placing. Continu-
ous placing is important, pouring or pumping from one
side of the form until the grout appears at the oppos-
ite side of the grouting area. Do not disturb once
grouting has been completed. Parex 100 Newton
Grout may be placed at temperatures between 5°C
and 35°C.
For placing at temperatures outside this range, con-
tact Sika® Technical Services Department for advice.
CURING TREATMENT
After the grout has initially hardened, remove form-
work and trim edges while concrete is ‘green’.
Protect the fresh material from premature drying us-
ing an approved curing method (e.g. curing compound
such as Sikafloor® ProSeal, moist geo-textile mem-
brane, hessian, polythene sheet, etc.). In cold weath-
er, apply heat blankets to maintain a constant temper-
ature.
Placed grout, which is exposed, should be cured in ac-
cordance with good concrete practice.
Product Data Sheet
Parex 100 Newton Grout
August 2023, Version 02.01
020201010010000353
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com