Electronic Components Datasheet Search
  English  ▼

X  

FBC Datasheet(PDF) 1 Page - SIKA BUILDING TRUST

Part # FBC
Description  Parex Fine Bedding Concrete (FBC)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIKA [SIKA BUILDING TRUST]
Direct Link  https://gbr.sika.com/
Logo SIKA - SIKA BUILDING TRUST

FBC Datasheet(HTML) 1 Page - SIKA BUILDING TRUST

  FBC Datasheet HTML 1Page - SIKA BUILDING TRUST FBC Datasheet HTML 2Page - SIKA BUILDING TRUST FBC Datasheet HTML 3Page - SIKA BUILDING TRUST  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product Data Sheet
Parex Fine Bedding Concrete (FBC)
November 2023, Version 02.01
020201010030000119
PRODUCT DATA SHEET
Parex Fine Bedding Concrete (FBC)
BS 7533 compliant, hard landscaping, fine bedding mortar for the laying of natural stone slabs,
pavers and setts
DESCRIPTION
Parex Fine Bedding Concrete (FBC) is a cementitious,
polymer reinforced, single-component mortar for the
placing and bedding of paving units. The mix design in-
cludes powerful plasticising agents which produce a
workable mortar, suitable for bedding slabs, pavers
and setts. The low water requirement enables the
placed mortar to rapidly develop the compressive
strength required to support the placed paving ele-
ments.
Parex Fine Bedding Concrete (FBC) is an integral mem-
ber of the Parex / Sika Streetscape Range, and is de-
signed specifically to conform to the relevant parts of
BS 7533, ensuring performance and longevity. It
should be used in conjunction with Parex Bond Plus
Mortar to ensure sufficient bond strengths are
achieved; and Parex Granatech, to provide a fully com-
pliant bedding and jointing system for hard landscap-
ing projects.
USES
Bedding of paving units for vehicular traffic.
▪
Bedding of slabs, pavers and setts for all pedestrian-
ised zones.
▪
FEATURES
Pre-batched for simplicity: only requires the meas-
ured addition of water.
▪
Cost-effective.
▪
Ready for on-site mixing.
▪
Formulated for ease of use and to meet (and exceed
in some respects) the requirements of BS 7533.
▪
Integral part of the Streetscape Range.
▪
Available in 25 kg and 1,000 kg bulk bags.
▪
Good freeze-thaw stability.
▪
Resistant to oils and many chemicals.
▪
Wide range of application thicknesses achievable (30
to 75 mm).
▪
EuroClass A1 reaction to fire rating.
▪
PRODUCT INFORMATION
Composition
Portland cement and special polymers and plasticisers
Packaging
25 kg and 1,000 kg bulk bags
Shelf life
6 months
Storage conditions
Bagged Parex Fine Bedding Concrete (FBC) will have a shelf life of 6
months when kept in dry conditions at a temperature of +5°C to +35°C.
Storage at higher temperatures or high humidity may reduce the shelf life.
Bulk bags should be used as soon as possible after delivery. Bags not to be
used immediately should be stored on pallets and under cover.
Appearance and colour
Grey powder
Density
~2,000 kg/m3
1 / 3


Similar Part No. - FBC

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
FBC.4E.650.CTLC11 LEMO-FBC.4E.650.CTLC11 Datasheet
68Kb / 3P
E - Outdoor Stepped Insert
FBC.4E.650.CTLC11Z LEMO-FBC.4E.650.CTLC11Z Datasheet
68Kb / 3P
E - Outdoor Stepped Insert
FBC.4E.675.CTAC11 LEMO-FBC.4E.675.CTAC11 Datasheet
68Kb / 3P
E - Outdoor Stepped Insert
FBC.4E.675.CTAC85 LEMO-FBC.4E.675.CTAC85 Datasheet
68Kb / 3P
E - Outdoor Stepped Insert
FBC.4E.675.CTAC85Z LEMO-FBC.4E.675.CTAC85Z Datasheet
68Kb / 3P
E - Outdoor Stepped Insert
More results

Similar Description - FBC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9108 MAXIM-DS9108 Datasheet
61Kb / 3P
Concrete Temperature Monitor
REV: 102106
logo
Extech Instruments Corp...
PH150-C EXTECH-PH150-C Datasheet
234Kb / 1P
ExStik짰 Concrete pH Kit
logo
SIKA BUILDING TRUST
1515 SIKA-1515 Datasheet
997Kb / 3P
Parex BBLUL 1515
Version 01.03
3000 SIKA-3000 Datasheet
509Kb / 2P
Parex® MICROGOBETIS 3000
January 2022, Version 01.01
EHI-GF SIKA-EHI-GF Datasheet
713Kb / 3P
Parex® EHI GF
January 2022, Version 01.01
MAITE-D SIKA-MAITE-D Datasheet
593Kb / 3P
Parex MAITE-D
December 2021, Version 01.01
MONOGRIS-E SIKA-MONOGRIS-E Datasheet
695Kb / 4P
Parex® MONOGRIS E
December 2021, Version 01.01
MONOREX-GF SIKA-MONOREX-GF Datasheet
703Kb / 4P
Parex® MONOREX GF
December 2021, Version 01.01
MONOREX-GM SIKA-MONOREX-GM Datasheet
743Kb / 4P
Parex® MONOREX GM
January 2022, Version 01.01
SUPER-FG SIKA-SUPER-FG Datasheet
111Kb / 3P
Parex Super FG
February 2021, Version 01.01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com