Electronic Components Datasheet Search
  English  ▼

X  

KA Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # KA
Description  3KA Radial Lead Transient Voltage Suppressors (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

KA Datasheet(HTML) 1 Page - UN Semiconducctor INC

  KA Datasheet HTML 1Page - UN Semiconducctor INC KA Datasheet HTML 2Page - UN Semiconducctor INC KA Datasheet HTML 3Page - UN Semiconducctor INC KA Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The KA Series of high current transient suppressors have been specially
designed for use in A.C. line protection and any demanding applications
(AC or DC). Any voltage rise due to increased current conduction is
contained to a minimum, providing the best possible protection level. They
can also be connected in series and/or parallel to create very high capacity
protection solutions.
KA Series
Features
Description
ROHS
Revision March 1,2022
Radial Lead Transient Voltage Suppressors (TVS)
www.unsemi.com.tw
3KA
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Axial lead terminals
High current transient suppressor
Excellent Clamping Capability
Glass Passivated Junction
Bi-directional
Low Slope Resistance
Repetition Rate (duty cycle):0.01%
Hazardous Substances Free
RoHS Compliant
High Temperature soldering: 260°C/10 seconds at terminals
Epoxy Encapsulated
Solderable per MIL-STD-202 Method 208
Bi-directional
Parameter
Symbol
Value
Unit
Maximum Ratings (TA=25℃ unless otherwise noted)
Peak Pulse Current with a 8/20µs waveform
Junction and Storage Temperature Range
Operating Temperature Range
IPP
TJ,TSTG
TOP
3
- 55 to +150
- 40 to +125
KA
°C
°C
Functional Diagram
Part Number
Reverse Stand-Off
Voltage
Current Rating
Maximum Clamping
Voltage
Test
Current
Breakdown
Voltage
VAC(V)
VDC(V)
Reverse
Leakage
Electrical Characteristics (TA=25℃ unless otherwise noted)
IPP
8/20μs (KA)
VC(V)
@IPP
IT
(mA)
VBR(V)
MIN.@IT
IR(μA)
@VDC
58
76
380
430
40
54
275
310
64
85
401
440
10
10
10
10
3
3
3
3
110
140
520
625
20
20
20
20
KA-058
KA-076
KA-380
KA-430


Similar Description - KA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
AK3-015C HUAXINAN-AK3-015C Datasheet
347Kb / 2P
8x20uS 3KA Transient Voltage Suppressors
logo
Socay Electornics Co., ...
KA-012 SOCAY-KA-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
K1-076 UNSEMI-K1-076 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KB UNSEMI-KB Datasheet
2Mb / 4P
6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KC UNSEMI-KC Datasheet
2Mb / 4P
10KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KD UNSEMI-KD Datasheet
2Mb / 4P
15KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com