Electronic Components Datasheet Search
  English  ▼

X  

KXXXXSD1 Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # KXXXXSD1
Description  Sidac
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

KXXXXSD1 Datasheet(HTML) 2 Page - UN Semiconducctor INC

  KXXXXSD1 Datasheet HTML 1Page - UN Semiconducctor INC KXXXXSD1 Datasheet HTML 2Page - UN Semiconducctor INC KXXXXSD1 Datasheet HTML 3Page - UN Semiconducctor INC KXXXXSD1 Datasheet HTML 4Page - UN Semiconducctor INC KXXXXSD1 Datasheet HTML 5Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number
VDRM @ IDRM
VT@ IT=1A
RS
VBO
Min
Max
V
Min
Min
Max
V
IBO
Max
Max
V
μA
μA
Body
Marking
Electrical Characteristics (@=25℃ unless otherwise Specified)
Electrical Characteristics (@=25℃ unless otherwise Specified)
V-I Curve
KΩ
IH
Min
mA
1
1
1
1
1
1
1
1
1
1
1
70
90
100
110
120
130
160
180
190
200
220
80
95
110
120
130
140
170
190
205
220
240
97
113
125
138
146
170
195
215
230
250
270
50
50
50
50
50
50
50
50
50
50
50
2
2
2
2
2
2
2
2
2
2
2
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
10
10
10
10
10
10
10
10
10
10
10
K09S
K10S
K12S
K13S
K14S
K15S
K18S
K20S
K22S
K24S
K26S
K0900SD1
K1050SD1
K1200SD1
K1300SD1
K1400SD1
K1500SD1
K1800SD1
K2000SD1
K2200SD1
K2400SD1
K2600SD1
Sidac
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
KXXXXSD1 Series
2/4
Parameter
Symbol
Peak off-state voltage
Off-state current
Switching voltage
Switching current
Switching resistance
On-state voltage
Holding current
Break over Voltage
Break over current
VDRM
IDRM
VS
IS
RS
VT
IH
VBO
IBO



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com