Electronic Components Datasheet Search
  English  ▼

X  

KC-430 Datasheet(PDF) 1 Page - UN Semiconducctor INC

Part # KC-430
Description  10KA Radial Lead Transient Voltage Suppressors (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

KC-430 Datasheet(HTML) 1 Page - UN Semiconducctor INC

  KC-430 Datasheet HTML 1Page - UN Semiconducctor INC KC-430 Datasheet HTML 2Page - UN Semiconducctor INC KC-430 Datasheet HTML 3Page - UN Semiconducctor INC KC-430 Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The KC Series of high current transient suppressors have been
specially designed for use in A.C. line protection and any demanding
applications (AC or DC). Any voltage rise due to increased current
conduction is contained to a minimum, providing the best possible
protection level. They can also be connected in series and/or parallel
to create very high capacity protection solutions.
KC Series
Features
Description
ROHS
Revision March 1,2022
Radial Lead Transient Voltage Suppressors (TVS)
www.unsemi.com.tw
10KA
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
1/3
Bi-directional
Parameter
Symbol
Value
Unit
A
Maximum Ratings (TA=25℃ unless otherwise noted)
Peak Pulse Current with a 8/20µs waveform
Junction and Storage Temperature Range
Operating Temperature Range
IPP
TJ,TSTG
TOP
10
- 55 to +150
- 40 to +125
KA
°C
°C
Functional Diagram
Part Number
Reverse Stand-Off
Voltage
Current Rating
Maximum Clamping
Voltage
Test
Current
Breakdown
Voltage
VAC(V)
VDC(V)
Reverse
Leakage
Electrical Characteristics (TA=25℃ unless otherwise noted)
IPP
8/20μs (KA)
VC(V)
@IPP
IT
(mA)
VBR (V)
MIN.@IT
IR(μA)
@VDC
KC-058
KC-066
KC-076
KC-170
KC-190
KC-200
KC-240
KC-380
KC-430
58
66
76
170
190
200
240
380
430
40
45
54
130
145
150
180
275
310
64
70
83
180
200
222
250
401
440
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
110
125
135
260
290
330
340
520
625
20
20
20
20
20
20
20
20
20
Axial lead terminals
High current transient suppressor
Excellent Clamping Capability
Glass Passivated Junction
Bi-directional
Low Slope Resistance
Repetition Rate (duty cycle):0.01%
Hazardous Substances Free
High Temperature soldering: 260°C/10 seconds at terminals
Epoxy Encapsulated
Solderable per MIL-STD-202 Method 208
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant


Similar Part No. - KC-430

ManufacturerPart #DatasheetDescription
logo
Protek Devices
KC-430 PROTEC-KC-430 Datasheet
451Kb / 6P
HIGH POWERED TVS COMPONENT
logo
Socay Electornics Co., ...
KC-430 SOCAY-KC-430 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
More results

Similar Description - KC-430

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
KB-012 SOCAY-KB-012 Datasheet
189Kb / 4P
Radial Lead Transient Voltage Suppressors
KD-012 SOCAY-KD-012 Datasheet
185Kb / 4P
Radial Lead Transient Voltage Suppressors
KA-012 SOCAY-KA-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KC-012 SOCAY-KC-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
KD-012 SOCAY-KD-012_V01 Datasheet
1Mb / 4P
Radial Lead Transient Voltage Suppressors (TVS)
November 26, 2020
logo
UN Semiconducctor INC
K1-076 UNSEMI-K1-076 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA UNSEMI-KA Datasheet
2Mb / 4P
3KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KA1-380 UNSEMI-KA1-380 Datasheet
2Mb / 4P
1KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KB UNSEMI-KB Datasheet
2Mb / 4P
6KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
KD UNSEMI-KD Datasheet
2Mb / 4P
15KA Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com