Electronic Components Datasheet Search
  English  ▼

X  

BSP170 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # BSP170
Description  -60V P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

BSP170 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  BSP170 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. BSP170 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. BSP170 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. BSP170 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. BSP170 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. BSP170 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. BSP170 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. BSP170 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction -soldering point
R thJS
20
K/W
SMD version, device on PCB:
R thJA
minimal footprint
110
K/W
6 cm
2 cooling area1)
70
Electrical characteristics, atTj=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=-250 µA
-60
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=-250 µA
-1.1
-2
-3
Zero gate voltage drain current
I DSS
V DS=-60 V, V GS=0 V,
T
-0.1
-1
µA
j=25 °C
V DS=-60 V, V GS=0 V,
T j=125 °C
-10
-100
Gate-source leakage current
I GSS
V GS=-20 V, V DS=0 V
-10
-100
nA
Drain-source on-state resistance
R DS(on)
V GS=-10 V, I D=-1.9 A
239
300
m
Ω
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=-1.9 A
1.3
2.6
S
Values
www.umw-ic.com
2
UTD Semiconductor Co.,Limited
UMW
R
BSP170
-60V P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com