Electronic Components Datasheet Search
  English  ▼

X  

P4200EB Datasheet(PDF) 3 Page - UN Semiconducctor INC

Part # P4200EB
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P4200EB Datasheet(HTML) 3 Page - UN Semiconducctor INC

  P4200EB Datasheet HTML 1Page - UN Semiconducctor INC P4200EB Datasheet HTML 2Page - UN Semiconducctor INC P4200EB Datasheet HTML 3Page - UN Semiconducctor INC P4200EB Datasheet HTML 4Page - UN Semiconducctor INC P4200EB Datasheet HTML 5Page - UN Semiconducctor INC P4200EB Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thyristor Surge Suppressors (TSS)
@10/700μS,4KV
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
P0080EB - P5000EB Series - TO-92
Thermal Considerations
3/5
Characteristic Curves
Figure 2 - tr × td Pulse Waveform
Figure 1 - V- I Characteristics
Figure 3 - Normalized VS Change Versus
Junction Temperature
IS
lDRM
IH
IT
+I
-I
VS
VDRM
Vτ
+V
- V
tr=rise time to peak value
td=decay time to half value
Half Value
0
50
100
tr
td
t – Time (μs)
Peak
Value
Waveform=tr×td
25℃
-40 -20 0
20 40 60 80 100 120 140 160
-8
-6
-4
0
2
4
6
8
10
12
14
Junction Temperature (TJ) - ℃
Figure 4 - Normalized DC Holding Current
Versus Case Temperature
25℃
-40 -20 0
20 40 60 80 100 120 140 160
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Case Temperature (TC) - ℃
Package
Symbol
Parameter
Value
Unit
TJ
TS
RθJA
Operating Junction Temperature Range
Storage Temperature Range
Thermal Resistance: Junction to Ambient
TO-92
- 40 to +150
- 40 to +150
90
°C
°C
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com