Electronic Components Datasheet Search
  English  ▼

X  

P5000LB Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # P5000LB
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P5000LB Datasheet(HTML) 2 Page - UN Semiconducctor INC

  P5000LB Datasheet HTML 1Page - UN Semiconducctor INC P5000LB Datasheet HTML 2Page - UN Semiconducctor INC P5000LB Datasheet HTML 3Page - UN Semiconducctor INC P5000LB Datasheet HTML 4Page - UN Semiconducctor INC P5000LB Datasheet HTML 5Page - UN Semiconducctor INC P5000LB Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VT
@IT=2.2A
85
85
60
60
55
55
55
60
60
60
55
50
45
40
30
30
30
30
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thyristor Surge Suppressors (TSS)
@10/700μS,4KV
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
P0080LB - P5000LB Series - DO-15
Electrical Characteristics
2/5
P0080LB
P0300LB
P0640LB
P0720LB
P0900LB
P1100LB
P1300LB
P1500LB
P1800LB
P2000LB
P2300LB
P2600LB
P3100LB
P3500LB
P3800LB
P4200LB
P4500LB
P5000LB
6
25
58
65
75
90
120
140
170
180
190
220
275
320
360
400
420
440
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
25
40
77
88
98
130
160
180
220
220
260
300
350
400
460
520
540
600
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
50
50
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
Part Number
P008LB
P03LB
P06LB
P07LB
P09LB
P11LB
P13LB
P15LB
P18LB
P20LB
P23LB
P26LB
P31LB
P35LB
P38LB
P42LB
P45LB
P50LB
Marking
pF Typ.
VDRM
@
IDRM=5μA
IDRM
VS
@100V/μS
IS
IT
CO
@1MHz
IH
V Min.
V Max.
V Max.
A Max.
μA Max.
mA Max.
mA Min.
Surge Ratings
Series
2/10μS¹
2/10μS²
A min
8/20μS¹
1.2/50μS²
A min
10/160μS¹
10/160μS²
A min
250
250
250
10/560μS¹
10/560μS²
A min
200
10/1000μS¹
10/1000μS²
A min
80
5/320μS¹
ITSM
50/60HZ
10/700μS²
di/dt
A min
A min
Amps/µs
max
100
30
500
B
Notes:
1. Current waveform in µs
2. Voltage waveform in µs
Notes:
- Absolute maximum ratings measured at TA= 25ºC (unless otherwise noted).
- Devices are bi-directional.
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product.
- IPP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40°C < TJ < +150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com