Electronic Components Datasheet Search
  English  ▼

X  

P5000LC Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # P5000LC
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P5000LC Datasheet(HTML) 2 Page - UN Semiconducctor INC

  P5000LC Datasheet HTML 1Page - UN Semiconducctor INC P5000LC Datasheet HTML 2Page - UN Semiconducctor INC P5000LC Datasheet HTML 3Page - UN Semiconducctor INC P5000LC Datasheet HTML 4Page - UN Semiconducctor INC P5000LC Datasheet HTML 5Page - UN Semiconducctor INC P5000LC Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thyristor Surge Suppressors (TSS)
@10/700μS,6KV
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
P0080LC - P5000LC Series - DO-15
Electrical Characteristics
2/5
P0080LC
P0300LC
P0640LC
P0720LC
P0900LC
P1100LC
P1300LC
P1500LC
P1800LC
P2000LC
P2300LC
P2600LC
P3100LC
P3500LC
P3800LC
P4200LC
P4500LC
P5000LC
6
25
58
65
75
90
120
140
170
180
190
220
275
320
360
400
420
440
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
25
40
77
88
98
130
160
180
220
220
260
300
350
400
460
520
540
600
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
50
50
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
110
110
100
100
90
90
90
85
85
85
80
80
65
65
30
30
30
30
Part Number
P008LC
P03LC
P06LC
P07LC
P09LC
P11LC
P13LC
P15LC
P18LC
P20LC
P23LC
P26LC
P31LC
P35LC
P38LC
P42LC
P45LC
P50LC
Marking
pF Typ.
VDRM
@
IDRM=5μA
IDRM
VS
@100V/μS
IS
VT
@IT=2.2A
IT
CO
@1MHz
IH
V Min.
V Max.
V Max.
A Max.
μA Max.
mA Max.
mA Min.
Surge Ratings
Series
2/10μS¹
2/10μS²
A min
8/20μS¹
1.2/50μS²
A min
10/160μS¹
10/160μS²
A min
500
400
200
10/560μS¹
10/560μS²
A min
150
10/1000μS¹
10/1000μS²
A min
100
5/320μS¹
ITSM
50/60HZ
10/700μS²
di/dt
A min
A min
Amps/µs
max
150
50
500
C
Notes:
1. Current waveform in µs
2. Voltage waveform in µs
Notes:
- Absolute maximum ratings measured at TA= 25ºC (unless otherwise noted).
- Devices are bi-directional.
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product.
- IPP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40°C < TJ < +150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com