Electronic Components Datasheet Search
  English  ▼

X  

P0720DM Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # P0720DM
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P0720DM Datasheet(HTML) 2 Page - UN Semiconducctor INC

  P0720DM Datasheet HTML 1Page - UN Semiconducctor INC P0720DM Datasheet HTML 2Page - UN Semiconducctor INC P0720DM Datasheet HTML 3Page - UN Semiconducctor INC P0720DM Datasheet HTML 4Page - UN Semiconducctor INC P0720DM Datasheet HTML 5Page - UN Semiconducctor INC P0720DM Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thyristor Surge Suppressors (TSS)
@10/700μS,2KV
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
PXXXXDM Series SOD-123FL(SMF)
Electrical Characteristics (@ 25℃ Unless Otherwise Specified )
2/5
P0080DM
P0300DM
P0640DM
P0720DM
P0900DM
P1100DM
P1300DM
P1500DM
P1800DM
P2000DM
P2300DM
P2600DM
P3100DM
P3500DM
P3800DM
P4200DM
6
25
58
65
75
90
120
140
170
180
190
220
275
320
360
400
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
25
40
77
88
98
130
160
180
220
220
260
300
350
400
460
520
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
50
50
150
150
150
150
150
150
150
150
150
150
150
150
150
150
50
70
50
50
45
45
45
40
40
40
35
35
30
30
30
30
Part Number
P8M
03M
06M
07M
09M
11M
13M
15M
18M
20M
23M
26M
31M
35M
38M
42M
Marking
pF Typ.
VDRM
@
IDRM=5μA
IDRM
VS
@100V/μS
IS
VT
@IT=2.2A
IT
CO
@1MHz
IH
V Min.
V Max.
V Max.
A Max.
μA Max.
mA Max.
mA Min.
Surge Ratings
Series
2/10μS¹
2/10μS²
A min
8/20μS¹
1.2/50μS²
A min
10/160μS¹
10/160μS²
A min
100
100
60
10/560μS¹
10/560μS²
A min
15
10/1000μS¹
10/1000μS²
A min
15
5/320μS¹
ITSM
50/60HZ
10/700μS²
di/dt
A min
A min
Amps/µs
max
50
10
500
A
Notes:
1. Current waveform in µs
2. Voltage waveform in µs
Notes:
- Vs is measured at 100KV/s
- Off-state capacitance is measured in VDC=2V, VRMS=1V, f=1MHz
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product.
- IPP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40°C < TJ < +150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com