Electronic Components Datasheet Search
  English  ▼

X  

AM29SL400CT110WAD Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM29SL400CT110WAD
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CT110WAD Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM29SL400CT110WAD Datasheet HTML 15Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 16Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 17Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 18Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 19Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 20Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 21Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 22Page - Advanced Micro Devices AM29SL400CT110WAD Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
January 23, 2007 Am29SL400C_00_A6
Am29SL400C
17
D A TA
SH EE T
The system can monitor DQ3 to determine if the sector
erase timer has timed out. (See the “DQ3: Sector Erase
Timer” section.) The time-out begins from the rising edge of
the final WE# pulse in the command sequence.
Once the sector erase operation has begun, only the Erase
Suspend command is valid. All other commands are ig-
nored. Note that a hardware reset during the sector erase
operation immediately terminates the operation. The Sector
Erase command sequence should be reinitiated once the
device has returned to reading array data, to ensure data in-
tegrity.
When the Embedded Erase algorithm is complete, the de-
vice returns to reading array data and addresses are no
longer latched. The system can determine the status of the
erase operation by using DQ7, DQ6, DQ2, or RY/BY#. (Re-
fer to Write Operation Status‚ on page 19 for information on
these status bits.)
Figure 4 illustrates the algorithm for the erase operation.
Refer to the Erase/Program Operations‚ on page 30 for pa-
rameters, and to Figure 18‚ on page 32 for timing diagrams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to interrupt
a sector erase operation and then read data from, or pro-
gram data to, any sector not selected for erasure. This com-
mand is valid only during the sector erase operation,
including the 50 µs time-out period during the sector erase
command sequence. The Erase Suspend command is ig-
nored if written during the chip erase operation or Embedded
Program algorithm. Writing the Erase Suspend command
during the Sector Erase time-out immediately terminates the
time-out period and suspends the erase operation. Ad-
dresses are don’t-cares when writing the Erase Suspend
command.
When the Erase Suspend command is written during a sec-
tor erase operation, the device requires a maximum of 20 µs
to suspend the erase operation. However, when the Erase
Suspend command is written during the sector erase
time-out, the device immediately terminates the time-out pe-
riod and suspends the erase operation.
After the erase operation has been suspended, the system
can read array data from or program data to any sector not
selected for erasure. (The device erase suspends all sectors
selected for erasure.) Normal read and write timings and
command definitions apply. Reading at any address within
eras e-su spe n de d se ctors pro du c es status da ta o n
DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2 to-
gether, to determine if a sector is actively erasing or is
erase-suspended. See Write Operation Status‚ on page 19
for information on these status bits.
After an erase-suspended program operation is complete,
the system can once again read array data within non-sus-
pended sectors. The system can determine the status of the
program operation using the DQ7 or DQ6 status bits, just as
in the standard program operation. See Write Operation
Status‚ on page 19 for more information.
The system may also write the autoselect command se-
quence when the device is in the Erase Suspend mode. The
device allows reading autoselect codes even at addresses
within erasing sectors, since the codes are not stored in the
memory array. When the device exits the autoselect mode,
the device reverts to the Erase Suspend mode, and is ready
for another valid operation. See Autoselect Command Se-
quence‚ on page 15 for more information.
The system must write the Erase Resume command (ad-
dress bits are “don’t care”) to exit the erase suspend mode
and continue the sector erase operation. Further writes of
the Resume command are ignored. Another Erase Suspend
command can be written after the device has resumed eras-
ing.
Notes:
1.
See Table 5 on page 18 for erase command sequence.
2.
See DQ3: Sector Erase Timer‚ on page 21 for more information.
Figure 4.
Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com