Electronic Components Datasheet Search
  English  ▼

X  

124 Datasheet(PDF) 2 Page - Maxwell Technologies

Part # 124
Description  Low-Power Quad Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

124 Datasheet(HTML) 2 Page - Maxwell Technologies

  124 Datasheet HTML 1Page - Maxwell Technologies 124 Datasheet HTML 2Page - Maxwell Technologies 124 Datasheet HTML 3Page - Maxwell Technologies 124 Datasheet HTML 4Page - Maxwell Technologies 124 Datasheet HTML 5Page - Maxwell Technologies 124 Datasheet HTML 6Page - Maxwell Technologies 124 Datasheet HTML 7Page - Maxwell Technologies 124 Datasheet HTML 8Page - Maxwell Technologies 124 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
124
2
All data sheets are subject to change without notice
©2002 Maxwell Technologies
All rights reserved.
Low-Power Quad Operational Amplifier
04.02.02 Rev 5
TABLE 1. PINOUT DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1, 7, 8, 14
OUTPUT 1 - 4
Ouput
2, 6, 9, 13
INPUT 1- – 4-
Input (-)
3, 5, 10, 12
INPUT 1+ – 4+
Input (+)
4
V+
Power Supply
11
GND
Ground
TABLE 2. 124 ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN
MAX
UNIT
Supply Voltage
V+
32
V
Differential Input Voltage
32
V
Input Voltage
-0.3
+32
V
Input Current (V
IN < -0.3V)
1
1. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistors becoming forward biased and thereby acting as input diode clamps. In addition to this
diode action, there is also lateral NPN parasitic transistor action on the IC chip. This transistor action can cause the output
voltages of the op amps to go to the V+ voltage level (or to ground for a large overdrive) for the time duration that an input is
driven negative. This is not destructive and normal output states will re-establish when the input voltage, which was negative,
again returns to a value greater than -0.3V (at 25°C).
50
mA
Output Short-Circuit to GND (One Amplifier)
V+ < 15V, TA = 25°C2
2. Short circuits from the output to V+ can cause excessive heating and eventual destruction. When considering short circuits to
ground, the maximum output current is approximately 40 mA independent of the magnitude of V+. At values of supply voltage
in excess of +15V, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction.
Destructive dissipation can result from simultaneous shorts on all amplifiers.
Continuous
Storage Temperature Range
T
S
-65
150
°C
Operating Temperature Range
T
A
-55
125
°C
ESD Tolerance3
3. Human body model, 1.5 k
Ω in series with 100 pF.
250
V
TABLE 3. DELTA LIMITS
PARAMETER
VARIATION
I
CC
±10% of specified value in Table 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com