Electronic Components Datasheet Search
  English  ▼

X  

AM29SL400CT100RWAF Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29SL400CT100RWAF
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL400CT100RWAF Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29SL400CT100RWAF Datasheet HTML 36Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 37Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 38Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 39Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 40Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 41Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 42Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 43Page - Advanced Micro Devices AM29SL400CT100RWAF Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
38
Am29SL400C
Am29SL400C_00_A6 January 23, 2007
D A TA
SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1.
Typical program and erase times assume the following conditions: 25
°C, 2.0 V V
CC, 1,000,000 cycles. Additionally, programming typicals assume
checkerboard pattern.
2.
Under worst case conditions of 90°C, VCC = 1.8 V, 1,000,000 cycles.
3.
The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than
the maximum program times listed.
4.
In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure.
5.
System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 5 on page 18
for further information on command definitions.
6.
The device has a minimum guaranteed erase and program cycle endurance of 1,000,000 cycles.
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
2
15
s
Excludes 00h programming prior to
erasure (Note 4)
Chip Erase Time
38
s
Byte Programming Time
10
300
µs
Excludes system level overhead
(Note 5)
Word Programming Time
12
360
µs
Chip Programming Time
(Note 3)
Byte Mode
5
40
s
Word Mode
3.5
30
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com