Electronic Components Datasheet Search
  English  ▼

X  

HC55121IMZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC55121IMZ
Description  Low Power Universal SLIC Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55121IMZ Datasheet(HTML) 2 Page - Intersil Corporation

  HC55121IMZ Datasheet HTML 1Page - Intersil Corporation HC55121IMZ Datasheet HTML 2Page - Intersil Corporation HC55121IMZ Datasheet HTML 3Page - Intersil Corporation HC55121IMZ Datasheet HTML 4Page - Intersil Corporation HC55121IMZ Datasheet HTML 5Page - Intersil Corporation HC55121IMZ Datasheet HTML 6Page - Intersil Corporation HC55121IMZ Datasheet HTML 7Page - Intersil Corporation HC55121IMZ Datasheet HTML 8Page - Intersil Corporation HC55121IMZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
FN4659.13
June 1, 2006
Ordering Information
PART
NUMBER*
MAX
LOOP
CURRENT
(mA)
POLARITY
REVERSAL
GND
START
GND
KEY
LINE
VOLTAGE
MEASUREMENT
†
PULSE
METERING
2 TEST
RELAY
DRIVERS
2 WIRE
LOOP-
BACK
†
LONGITUDINAL
BALANCE
TEMP
RANGE
(°C)
PKG.
DWG. #
HC55120CB
30
•
53dB
0 to 70
M28.3
SOIC
HC55120CBZ
Pb-free (Note)
30
•
53dB
0 to 70
M28.3
SOIC
HC55120CM
30
•
53dB
0 to 70
N28.45
PLCC
HC55120CMZ
Pb-free (Note)
30
•
53dB
0 to 70
N28.45
PLCC
HC55121IB
30
••
•
•
53dB
-40 to 85 M28.3
SOIC
HC55121IBZ
Pb-free (Note)
30
••
•
•
53dB
-40 to 85 M28.3
SOIC
HC55121IM
30
••
•
•
53dB
-40 to 85 N28.45
PLCC
HC55121IMZ
Pb-free (Note)
30
••
•
•
53dB
-40 to 85 N28.45
PLCC
HC55130IB
45
63dB
-40 to 85 M28.3
SOIC
HC55130IB96
(Tape and Reel)
45
63dB
-40 to 85 M28.3
SOIC
HC55130IBZ
Pb-free (Note)
45
63dB
-40 to 85 M28.3
SOIC
HC55130IBZ96
(Tape and Reel)
Pb-free (Note)
45
63dB
-40 to 85 M28.3
SOIC
HC55130IM
45
63dB
-40 to 85 N28.45
PLCC
HC55130IMZ
Pb-free (Note)
45
63dB
-40 to 85 N28.45
PLCC
HC55140IB
45
••
•
•
•
63dB
-40 to 85 M28.3
SOIC
HC55140IBZ
Pb-free (Note)
45
••
•
•
•
63dB
-40 to 85 M28.3
SOIC
HC55140IM
45
••
•
•
•
63dB
-40 to 85 N28.45
PLCC
HC55140IMZ
Pb-free (Note)
45
••
•
•
•
63dB
-40 to 85 N28.45
PLCC
HC55142IB
45
••
•
•
•
•
63dB
-40 to 85 M28.3
SOIC
HC55142IBZ
Pb-free (Note)
45
••
•
•
•
•
63dB
-40 to 85 M28.3
SOIC
HC55142IM
45
••
•
•
•
•
63dB
-40 to 85 N28.45
PLCC
HC55142IM96
(Tape and Reel)
45
••
•
•
•
•
63dB
-40 to 85 N28.45
PLCC
HC55142IMZ
Pb-free (Note)
45
••
•
•
•
•
63dB
-40 to 85 N28.45
PLCC
HC55142IMZ96
(Tape and Reel)
Pb-free (Note)
45
••
•
•
•
•
63dB
-40 to 85 N28.45
PLCC
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com