Electronic Components Datasheet Search
  English  ▼

X  

HIP6501ACBZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP6501ACBZ
Description  Triple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6501ACBZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP6501ACBZ Datasheet HTML 6Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 7Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 8Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 9Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 10Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 11Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 12Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 13Page - Intersil Corporation HIP6501ACBZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
FN4749.6
December 30, 2004
HIP6501A Application Circuit
Figure 13 shows an application circuit of an ACPI-compliant
power management system for a microprocessor computer
system. The power supply provides the PCI 3.3VDUAL
voltage (VOUT1), the RDRAM 2.5VMEM memory voltage
(VOUT2), and the 5VDUAL voltage (VOUT3) from +3.3V, +5V,
+5VSB, and +12VDC ATX supply outputs. For systems
employing SDRAM memory, replace R1 with 10k
Ω and Q1
with an HUF76113SK8. Q4 can also be a PNP, such as an
MMBT2907AL. For detailed information on the circuit,
including a Bill-of-Materials and circuit board description, see
Application Note AN9846.
See Intersil’s web site www.intersil.com for the latest
information.
C6
C5
R1
2x150
µF
1
µF
150
µF
220
µF
GND
5VSB
+3.3VIN
+5VSB
VSEN2
DRV2
S3
C8,9
HIP6501A
12V
+12VIN
VOUT2
2.5VMEM
Q1
S3
S5
S5
VOUT1
3.3VDUAL
+5VIN
C11
VOUT3
5VDUAL
3V3DL
3V3DLSB
Q2
Q3
Q4
DLA
5VDLSB
FAULT/MSEL
5VDL
SS
EN5VDL
EN5VDL
EN3VDL
EN3VDL
+
+
C4
1
µF
C2
1
µF
C3
220
µF
+
C10
1
µF
+
1K
1
µF
C12
1
µF
2SD1802
2SD1802
FDV304P
SHUTDOWN
1/2 HUF76113DK8
C7
U1
C13
0.1
µF
(FROM OPEN-DRAIN N-MOS)
C1
10
µF
FIGURE 13. TYPICAL HIP6501A APPLICATION CIRCUIT
Q5
1/2 HUF76113DK8
+
HIP6501A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com