Electronic Components Datasheet Search
  English  ▼

X  

SA140 Datasheet(PDF) 1 Page - RFE international

Part # SA140
Description  FEATURES Voltage Suppressor Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SA140 Datasheet(HTML) 1 Page - RFE international

  SA140 Datasheet HTML 1Page - RFE international SA140 Datasheet HTML 2Page - RFE international SA140 Datasheet HTML 3Page - RFE international SA140 Datasheet HTML 4Page - RFE international SA140 Datasheet HTML 5Page - RFE international SA140 Datasheet HTML 6Page - RFE international SA140 Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Excellent clamping capability
Low dynamic impedance
Solder dip 275 °C max. 7 s, per JESD 22-B106
Package: DO-204AC(DO-15)
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals : Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity: Color band denotes cathode end
PARAMETER
SYMBOL
UNIT
Max
Peak power dissipation, with a 10/1000us waveform(1)
PPPM
W
500
Peak pulse current, with a 10/1000us waveform(1)
IPPM
A
See Next Table
Power dissipation, on infinite heat sink at TL=75
PD
W
3
Peak forward surge current, 8.3 ms single half sine-wave unidirectional only(2)
IFSM
A
70
Operating junction and storage mperature range
TJ,TSTG
-55 to +150
PARAMETER
SYMBOL
UNIT
VALUE
Maximum instantaneous forward voltage at 35A for unidirectional only
V
FM
V
3.5
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above
per Fig.2.
(2) Measured on 8.3ms single half sine-wave or equivalent square wave,duty cycle=4 pulses per minute maximum.
PREFERED P/N
PACKAGE CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
SA SERIES
D1
Approximate 0.38
3000
3000
30000
Tape
SA SERIES
C1
Approximate 0.38
500
500
25000
Bulk
FEATURES
Transient Voltage Suppressor Diodes
SA Series
DO-204AC(DO-15)
09-08-2022
Page 1 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
te
Ta=25
PACKAGING INFORMATION


Similar Part No. - SA140

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SA140 SOCAY-SA140 Datasheet
475Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
SA140 SOCAY-SA140 Datasheet
3Mb / 56P
Surface Mount Transient Voltage Suppressors (TVS)
logo
Yangzhou yangjie electr...
SA140 YANGJIE-SA140 Datasheet
191Kb / 5P
Transient Voltage Suppressor Diodes
logo
UN Semiconducctor INC
SA140 UNSEMI-SA140 Datasheet
3Mb / 7P
5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Comchip Technology
SA140(C)-G COMCHIP-SA140(C)-G Datasheet
145Kb / 7P
Axial Lead Transient Voltage Suppressor
More results

Similar Description - SA140

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com