Electronic Components Datasheet Search
  English  ▼

X  

2128Z Datasheet(PDF) 1 Page - Belden Inc.

Part # 2128Z
Description  Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC-ER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

2128Z Datasheet(HTML) 1 Page - Belden Inc.

  2128Z Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product: 2128Z
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC-ER
Product Description
Fieldbus, 2 Pair 16AWG (7x24H) Tinned Copper, XLPO Insulation, Individual & Overall Beldfoil® Shield, LSZH-TS Outer Jacket, 600V TC-ER
Technical Specifications
Product Overview
Suitable
Applications:
harsh environment digital and serial two-way communication, oil and gas extraction and refining sites, petrochemical, Profibus process automation or Foundation FieldBus process
automation, extreme temperature environments, exposure to humidity/moisture, dust, and oil, remote locations long distance applications, etc.
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
16
7x24
TC - Tinned Copper
Insulation
Material
XLPE - Cross-Linked Polyethylene (Thermoset)
Outer Jacket
Material
LSZH - Low Smoke Zero Halogen (Flame Retardant, Thermoset)
Plenum/Non-Plenum
Plenum (Y/N):
No
Related Part Numbers
Variants
Item #
Color
UPC
2128Z 0105000 Black
612825130079
History
Update and
Revision:
Revision Number: 0.206 Revision Date: 12-22-2023
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - 2128Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2128 ETC2-2128 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2128 ETC2-2128 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
logo
Heyco.
2128 HEYCO-2128 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Belden Inc.
2128 BELDEN-2128 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Sealevel Systems, Inc.
2128 SEALEVEL-2128 Datasheet
731Kb / 2P
Embedded USB to 1-Port RS-232, RS-422, RS-485 (Software Configurable)
More results

Similar Description - 2128Z

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
972128Z BELDEN-972128Z Datasheet
440Kb / 1P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, 600V TC-ER
05-05-2023
972129Z BELDEN-972129Z Datasheet
440Kb / 1P
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, 600V TC-ER
05-05-2023
2119T BELDEN-2119T Datasheet
153Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2119Z BELDEN-2119Z Datasheet
155Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
2127Z BELDEN-2127Z Datasheet
159Kb / 1P
Fieldbus, 1 Pr #16 Str TC, XLPO Ins, OS, LSZH-TS Jkt, 600V TC
12-22-2023
2128T BELDEN-2128T Datasheet
159Kb / 1P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2129Z BELDEN-2129Z Datasheet
159Kb / 1P
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
2130T BELDEN-2130T Datasheet
159Kb / 1P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
2130Z BELDEN-2130Z Datasheet
159Kb / 1P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
2131Z BELDEN-2131Z Datasheet
159Kb / 1P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, LSZH-TS Jkt, 600V TC
12-22-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com