Electronic Components Datasheet Search
  English  ▼

X  

HIP6502CB Datasheet(PDF) 13 Page - Intersil Corporation

Part # HIP6502CB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6502CB Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HIP6502CB Datasheet HTML 6Page - Intersil Corporation HIP6502CB Datasheet HTML 7Page - Intersil Corporation HIP6502CB Datasheet HTML 8Page - Intersil Corporation HIP6502CB Datasheet HTML 9Page - Intersil Corporation HIP6502CB Datasheet HTML 10Page - Intersil Corporation HIP6502CB Datasheet HTML 11Page - Intersil Corporation HIP6502CB Datasheet HTML 12Page - Intersil Corporation HIP6502CB Datasheet HTML 13Page - Intersil Corporation HIP6502CB Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
4-13
HIP6502 Application Circuit
Figure 11 shows an application circuit of an ACPI-
sanctioned power management system for a microprocessor
computer system. The power supply provides the
3.3VDUAL/3.3VSB voltage (VOUT3), the SDRAM 3.3VMEM
voltage (VOUT1), the RDRAM 2.5VMEM memory voltage
(VOUT2), the 2.5VCLK clock voltage (VOUT4), and the
5VDUAL voltage (VOUT5) from +3.3V, +5VSB, +5V, and
+12VDC ATX supply outputs. Q4 can also be a PNP, such
as an MMBT2907AL. For detailed information on the circuit,
including a Bill-of-Materials and circuit board description, see
Application Note AN9862.
Also see Intersil Corporation’s web page
(http://www.intersil.com/tsc) for the latest information.
C9
C4
2X150
µF
1
µF
150
µF
220
µF
GND
5VSB
+3.3VIN
+5VSB
VSEN2
DRV2
C6,7
HIP6502
12V
+12VIN
VOUT2
2.5VMEM
Q1
VOUT3
3.3VDUAL/3.3VSB
+5VIN
C14
VOUT5
5VDUAL
3V3DL
3V3DLSB
Q2
Q3
Q4
Q5
DLA
5VDLSB
FAULT
5VDL
SS
CONFIGURATION
EN5VDL
S3
+
+
C3
1
µF
C1
1
µF
C2
220
µF
+
C8
1
µF
+
1
µF
C15
1
µF
2SD1802
2SD1802
FDV304P
SHUTDOWN
1/2 HUF76113DK8
1/2 HUF76113DK8
C10
U1
C13
0.1
µF
(FROM OPEN-DRAIN N-MOS)
VSEN1
VCLK
VOUT4
2.5VCLK
150
µF
C11 +
C12
1
µF
VOUT1
3.3VMEM
C5,16
2X150
µF
+
SLP_S3
SLP_S5
FIGURE 11. TYPICAL HIP6502 APPLICATION DIAGRAM
3V3
MSEL
S5
HARDWARE
C17
1
µF
Q6
HUF76113SK8
5V
HIP6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com