Electronic Components Datasheet Search
  English  ▼

X  

3076ELS Datasheet(PDF) 2 Page - Belden Inc.

Part # 3076ELS
Description  Profibus PA, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V SWA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3076ELS Datasheet(HTML) 2 Page - Belden Inc.

  3076ELS Datasheet HTML 1Page - Belden Inc. 3076ELS Datasheet HTML 2Page - Belden Inc. 3076ELS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Conductor DCR
Max. Conductor DCR Max. Outer Shield DCR
20.5 Ohm/km
26 Ohm/km
Capacitance
Max. Capacitance Conductor to Conductor Max. Capacitance Conductor to Shield Max. Capacitance Unbalance
80 pF/m
155 pF/m
4 pF/m
Inductance
Nominal Inductance
0.62 uH/m
Impedance
Frequency [MHz] Nominal Characteristic Impedance Nominal Characteristic Tolerance
0.03125 MHz
100 Ohm
5 Ohm
Delay
Nominal Velocity of Propagation (VP) [%]
66%
High Frequency
Frequency [MHz] Max. Insertion Loss (Attenuation)
0.01 MHz
0.2 dB/100m
0.039 MHz
0.3 dB/100m
0.1 MHz
0.6 dB/100m
0.5 MHz
2.8 dB/100m
1 MHz
3.7 dB/100m
Voltage
Voltage Rating [V]
300 V
Temperature Range
Installation Temperature Range:
-15°C To +80°C
Storage Temperature Range:
-45°C To +80°C
Operating Temp Range (Flexible
Install):
-15°C To +80°C
Operating Temp Range (Fixed
Install):
-45°C To +80°C
Mechanical Characteristics
Oil Resistance:
IEC 60811-404
Min. Bend Radius During Installation: 260 mm
Standards
ISO/IEC Compliance:
IEC 61158-2
CPR Euroclass:
Eca
CENELEC Compliance:
EN 50290-2-27, EN 50288-7
Applicable Environmental and Other Programs
Environmental Space:
Indoor/Outdoor - Euroclass Eca
Suitability
Suitability - Outdoor:
Yes
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2, IEC 60332-3-24
IEC 60754-1 - Halogen Amount:
Zero



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com