Electronic Components Datasheet Search
  English  ▼

X  

3079Z Datasheet(PDF) 1 Page - Belden Inc.

Part # 3079Z
Description  Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TS Jkt, PLTC-ST1 CMG-ST1 Profibus DP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

3079Z Datasheet(HTML) 1 Page - Belden Inc.

  3079Z Datasheet HTML 1Page - Belden Inc. 3079Z Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 3079Z
Profibus, 1 Pr #22 Sol BC, PE Ins, OS+TC Brd, LSZH-TS Jkt, PLTC-ST1
CMG-ST1 Profibus DP
Product Description
Profibus, 1 Pair 22AWG (Solid) Bare Copper, PE Insulation, Overall Beldfoil®+Tinned Copper Braid(65%) Shield, Low Smoke Zero Halogen Thermoset Outer
Jacket, PLTC-ST1 CMG-ST1 SUN RES Profibus DP
Technical Specifications
Product Overview
Suitable Applications:
shipboard, harsh environment, outdoors, data transmission applications such as Profibus DP or PA, Instrumentation and computer cable, etc. exposure to temperature extremes,
humidity/moisture, dust, and oil.
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
1
22 AWG Solid
BC - Bare Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Notes
Pair(s)
PE - Polyethylene (Foam) 0.035 in (0.89 mm) Red & Green Flame Retardant, Foam w/ skin
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant, Thermoset) 0.100 in (2.54 mm) 0.430 in (10.9 mm)
Overall Cable Diameter
(Nominal):
0.430 in (10.9 mm)
Electrical Characteristics
Electricals
Element Nom. Characteristic Impedence Nom. Velocity of Prop.
Pair(s)
150 Ohm
78%
High Frequency (Nominal/Typical)
Element
Pair(s)
Voltage
UL Voltage Rating
300 V (CMG-ST1, PLTC-ST1)
Mechanical Characteristics
Temperature


Similar Part No. - 3079Z

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3079 ALPHAWIRE-3079 Datasheet
70Kb / 3P
Customer Specification
logo
KR Electronics, Inc.
3079 KR-3079 Datasheet
101Kb / 3P
425 MHz Bandpass Filter
logo
Adafruit Industries
3079 ADAFRUIT-3079 Datasheet
293Kb / 5P
Adafruit Feather 32u4 RFM96W LoRa Radio - 433MHz
4/11/2016
logo
KR Electronics, Inc.
3079-SMA KR-3079-SMA Datasheet
77Kb / 3P
425 MHz Bandpass Filter
logo
TE Connectivity Ltd
307913-1 TEC-307913-1 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results

Similar Description - 3079Z

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3079A BELDEN-3079A Datasheet
269Kb / 3P
Profibus, 1 Pr #22 Sol BC, PO Ins, OSTC Brd, PVC Jkt, PLTC Profibus DP
3079E BELDEN-3079E Datasheet
262Kb / 3P
Profibus, 1 Pr #22 Str BC, PO Ins, OSTC Brd, PVC Jkt, PLTC Profibus DP
123079A BELDEN-123079A Datasheet
145Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
04-14-2023
123079E BELDEN-123079E Datasheet
139Kb / 2P
Profibus, 1 Pr #22 Str BC, PE Ins, OSTC Brd, PVC jkt, AIA, PVC Jkt, PLTC CM Profibus DP
05-05-2023
733079A BELDEN-733079A Datasheet
138Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, PVC jkt, SIA, LSZH-TP Jkt,PLTC Profibus DP
05-05-2023
773079T BELDEN-773079T Datasheet
443Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TP jkt, BBA, LSZH-TP Jkt, PLTC-ST1 CMG-ST1 Profibus DP
05-05-2023
973079Z BELDEN-973079Z Datasheet
443Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TS jkt, BBA, LSZH-TS Jkt, PLTC-ST1 CMG-ST1 Profibus DP
05-05-2023
973108Z BELDEN-973108Z Datasheet
174Kb / 2P
RS485, 3 Pr #22 Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, CMG, PLTC
05-05-2023
973109Z BELDEN-973109Z Datasheet
445Kb / 2P
RS485, 4 Pr #22 Str TC, PE Ins, OSTC Brd, LSZH-TS Jkt, Brnz Brd Armor,LSZH-TS Jkt, CMG, PLTC
05-05-2023
3079T BELDEN-3079T Datasheet
177Kb / 2P
Profibus, 1 Pr #22 Sol BC, PE Ins, OSTC Brd, LSZH-TP Jkt, PLTC-ST1 CMG-ST1 Profibus DP
12-22-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com