Electronic Components Datasheet Search
  English  ▼

X  

SA24C Datasheet(PDF) 7 Page - RFE international

Part # SA24C
Description  FEATURES Voltage Suppressor Diodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SA24C Datasheet(HTML) 7 Page - RFE international

  SA24C Datasheet HTML 1Page - RFE international SA24C Datasheet HTML 2Page - RFE international SA24C Datasheet HTML 3Page - RFE international SA24C Datasheet HTML 4Page - RFE international SA24C Datasheet HTML 5Page - RFE international SA24C Datasheet HTML 6Page - RFE international SA24C Datasheet HTML 7Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.21yangjie.com
FEATURES
Transient Voltage Suppressor Diodes
SA Series
DO-204AC(DO-15)
09-08-2022
Page 7 of 7
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
DO-204AC(DO-15)
Dim
Min
Max
A
5.80
7.60
B
2.60
3.60
C
25.4
/
D
0.70
0.90
Dimensions in millimeters
DO-204AC(DO-15)
0
10
100
0
Number of Cycles
100
50
75
TJ=TJMax.
8.3ms Single Half Sine-Wave
25
-
FIG5: Maximum Non-Repetitive Surge Current
CHARACTERISTICS (TYPICAL)
OUTLINE DIMENSIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com