Electronic Components Datasheet Search
  English  ▼

X  

TSW Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # TSW
Description  Adjustable Temperature Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

TSW Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  TSW Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P-124
P
OMEGA’s TSW Series adjustable temperature switch
is perfect for applications that require an economical
solution to temperature control. The stainless steel
stem of the TSW Series switch is sealed and filled
with a gas that expands as process temperature rises.
A membrane within the switch body mechanically
causes closure of a 5 A Form “C” relay.
The 9.7 mm (0.38") diameter of the probe is
designed to mate with OMEGA’s standard 385 Series
thermowells for your most rugged applications.
Please visit omega.com.
Specifications
Temperature Range: -43 to 266°C (-45 to 510°F)
Temperature Sensor: Limit filled, saturated vapor sensor
Ambient Temperature Limits for Switch Body:
-55 to 105°C (-67 to 221°F)
Max System Temperature Capillary: 425°C (797°F)
Max System Pressure: 68.9 bar @ 425°C (1000 psi @ 798°F)
Electrical:
1 A Rated Contacts: 115 Vac/28 Vdc
5 A Rated Contacts: 250 Vac/28 Vdc
Max Switch Cycle Rate: Not to exceed 20 cycles per minute
Wiring Code: Black = common, white = normally open,
red = normally closed
Construction Materials
Wetted Parts:
Temperature Sensor: 316 SS
Non-Wetted Parts:
Body: 303 SS
Lock Ring: Zinc alloy, chromate finish
Switch Housing: Zinc alloy, chromate finish
Caps and Accessories: Black valox and brass terminals
Indicator: 303 SS
Indicator Ring: Black nylon
Wire Interface: 3-wire pigtail, furnished 300 mm (12") long,
20 AWG insulated with PVC, 300V rating
Weight: 113 g (0.25 lb)
To Order
Contact
Model
Temperature
Rating Repeatability
No.
Range °C/°F
(A)
°C/°F
TSW-11
-45 to -5 (-49 to 23)
1
±0.7 (1.3)
TSW-15
-45 to -5 (-49 to 23)
5
±0.7 (1.3)
TSW-21
-25 to 20 (-13 to 63)
1
±0.9 (1.6)
TSW-25
-25 to 20 (-13 to 63)
5
±0.9 (1.6)
TSW-31
-5 to 35 (23 to 95)
1
±0.8 (1.4)
TSW-35
-5 to 35 (23 to 95)
5
±0.8 (1.4)
TSW-41
25 to 70 (77 to 158)
1
±0.9 (1.6)
TSW-45
25 to 70 (77 to 158)
5
±0.9 (1.6)
TSW-51
55 to 105 (131 to 221)
1
±1.0 (1.8)
TSW-55
55 to 105 (131 to 221)
5
±1.0 (1.8)
TSW-61
80 to 125 (176 to 257)
1
±.9 (1.6)
TSW-65
80 to 125 (176 to 257)
5
±.9 (1.6)
TSW-71
115 to 175 (239 to 347)
1
±1.2 (2.2)
TSW-75
115 to 175 (239 to 347)
5
±1.3 (2.3)
TSW-81
175 to 230 (347 to 456)
1
±1.2 (2.1)
TSW-85
175 to 230 (347 to 456)
5
±1.2 (2.1)
TSW-91
200 to 265 (392 to 509)
1
±1.3 (2.4)
TSW-95
200 to 265 (392 to 509)
5
±1.3 (2.4)
Model No.
Description
3/4-385S-U21/2-304SS
Stainless steel thermowell
3/4-385S-U21/2-BRASS
Brass thermowell
SSLK-38-12
Stainless steel compression
fitting
BRLK-38-12
Brass compression fitting
Accessories
Comes complete with operator’s manual.
Other thermowells available;
Ordering Example: TSW-41, adjustable temperature switch with a
25 to 70°C (77 to 158°F) range, 1 A contact rating and
3/4-385S-U21/2-304SS, stainless steel thermowell.
U
Compact and Economical
U
Ideal for Economical Temperature
Switching Applications
U
External Temperature Scale Dial for
Easy Setpoint Adjustments (°F Only)
U
1 A Gold Contacts for TTl and
Dry Contact Closures
U
5 A Silver Contacts for Larger
Electrical Loads
U
Vibration Resistant
TSW-11 shown smaller
than actual size.
146.1
(5.75)
171.5
(6.75)
27.7 (1.09)
9.7 (0.38) Dia.
14.2
(0.56)
TSW Series
Adjustable Temperature Switches
Dimensions: mm (inch)


Similar Part No. - TSW

ManufacturerPart #DatasheetDescription
logo
C&K Components
TSW CK-COMPONENTS-TSW Datasheet
302Kb / 4P
3 or 7 Function Tact and Scroll Wheel
logo
Samtec, Inc
TSW SAMTEC-TSW Datasheet
532Kb / 2P
SLIM BODY FLAT RIBBON IDC CABLES (2.54 mm) .100" PITCH
logo
SHINMEI ELECTRIC CO., L...
TSW-1 SHINMEI-TSW-1 Datasheet
117Kb / 3P
Body Height 1.8mm, Side Push Type Tactile Switches
logo
Amphenol Corporation
TSW-10 AMPHENOL-TSW-10 Datasheet
87Kb / 2P
Turbidity Sensor
logo
SHINMEI ELECTRIC CO., L...
TSW-10 SHINMEI-TSW-10 Datasheet
272Kb / 5P
Body Height 1.6mm, Compact-sized Multifunction Type Tactile Body Height 1.6mm, Compact-sized Multifunction Type Tactile
More results

Similar Description - TSW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M-61-T ETC1-M-61-T Datasheet
110Kb / 4P
Non-Adjustable Flow Switches
logo
Texas Instruments
TPS2550 TI-TPS2550 Datasheet
1Mb / 28P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2550_0807 TI-TPS2550_0807 Datasheet
1Mb / 31P
ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Fairchild Semiconductor
FPF2700 FAIRCHILD-FPF2700 Datasheet
1Mb / 19P
Adjustable Over-Current Protection Load Switches
logo
Microchip Technology
MCP9509HT-E MICROCHIP-MCP9509HT-E Datasheet
335Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
MCP9510HT-E MICROCHIP-MCP9510HT-E Datasheet
346Kb / 28P
Resistor-Programmable Temperature Switches
01/02/08
logo
Grayhill, Inc
42A36-01-1-07N GRAYHILL-42A36-01-1-07N Datasheet
673Kb / 1P
Adjustable Stop Rotary Switches
logo
ON Semiconductor
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
FPF2700 ONSEMI-FPF2700 Datasheet
1Mb / 21P
Adjustable Over-Current Protection Load Switches
December 2013 Rev. 1.0.3
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com