Electronic Components Datasheet Search
  English  ▼

X  

SPIR-032 Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # SPIR-032
Description  Thermocouple Wire Fine Diameter Base Metal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

SPIR-032 Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  SPIR-032 Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Shown smaller
than actual size.
H-12
H
Uninsulated Base Metal Thermocouple Wire
To Order Visit omega.com/spir for Pricing and Details
* There are two forms
of Constantan. Each
form is composed of
the same elements, but
the percentages (%) of
constituent elements differ.
One is matched to Iron.
The other can be matched
to Copper or ChrOmEga®.
When ordering matched
pairs, be sure to specify
SPCI with SPIR and SPCC
with
SPCP or SPCH.
Ordering Examples:
SPCH-020-50, 15 m (50'),
Type K ChrOmEga® wire,
0.5 mm (0.020") diameter,
and
SPAL-020-50,
15 m (50'), Type K
aLOmEga® wire, 0.5 mm
(0.020") diameter.
SPIR-010-50, 15 m (50'),
Type J iron wire, 0.25 mm
(0.010") diameter, and
SPCI-010-50, 15 m (50'),
Type J Constantan wire,
0.25 mm (0.010") diameter.
Longer lengths available.
Please consult Sales.
Discount Schedule
1 to 10 spools . . . . . . . .Net
11 to 24 spools . . . . . .10%
25 to 49 spools . . . . . .15%
50 spools and up . . . .20%
Thermocouple Wire
Fine Diameter Base Metal
In order to meet the immediate needs of science and industry for highest quality
thermocouple wire in practical quantities at reasonable prices, OMEGA makes available
thermocouple materials in a variety of wire sizes . The wire is supplied uninsulated on
standard 76 mm (3") diameter plastic spools in continuous 15 m (50') lengths .
Sizes range from 0 .013 to 3 .25 mm (0 .0005 to 0 .128") diameter . The wire is supplied
as single legs or in matched pairs to meet standard limits of error . Other wire sizes and
quantities are available on special request .
Order a
Matched
Pair!
Note: Published prices
are based on market
value at time of printing
and are subject to change
due to Nickel surcharges,
Chromium and precious-
metal market fluctuations .
Wire Dia.
Model
Material
mm (inch)
Number
0 .02 (0 .001)
SPIR-001
0 .05 (0 .002)
SPIR-002
0 .07 (0 .003)
SPIR-003
0 .13 (0 .005)
SPIR-005
0 .25 (0 .010)
SPIR-010
0 .38 (0 .015)
SPIR-015
0 .5 (0 .020)
SPIR-020
0 .8 (0 .032)
SPIR-032
1 .6 (0 .064)
SPIR-064
0 .02 (0 .001)
SPCI-001
0 .05 (0 .002)
SPCI-002
0 .07 (0 .003)
SPCI-003
0 .13 (0 .005)
SPCI-005
0 .25 (0 .010)
SPCI-010
0 .38 (0 .015)
SPCI-015
0 .5 (0 .020)
SPCI-020
0 .8 (0 .032)
SPCI-032
1 .6 (0 .064)
SPCI-064
0 .013 (0 .0005)
SPCH-0005
0 .02 (0 .001)
SPCH-001
0 .05 (0 .002)
SPCH-002
0 .07 (0 .003)
SPCH-003
0 .13 (0 .005)
SPCH-005
0 .25 (0 .010)
SPCH-010
0 .38 (0 .015)
SPCH-015
0 .5 (0 .020)
SPCH-020
0 .8 (0 .032)
SPCH-032
1 .6 (0 .064)
SPCH-064
3 .3 (0 .128)
SPCH-128
0 .013 (0 .0005)
SPAL-0005
0 .02 (0 .001)
SPAL-001
0 .05 (0 .002)
SPAL-002
0 .07 (0 .003)
SPAL-003
0 .13 (0 .005)
SPAL-005
0 .25 (0 .010)
SPAL-010
0 .38 (0 .015)
SPAL-015
0 .5 (0 .020)
SPAL-020
0 .8 (0 .032)
SPAL-032
1 .6 (0 .064)
SPAL-064
3 .3 (0 .128)
SPAL-128
0 .013 (0 .0005)
SPCC-0005
0 .02 (0 .001)
SPCC-001
0 .05 (0 .002)
SPCC-002
0 .07 (0 .003)
SPCC-003
0 .13 (0 .005)
SPCC-005
0 .25 (0 .010)
SPCC-010
0 .38 (0 .015)
SPCC-015
0 .5 (0 .020)
SPCC-020
0 .8 (0 .032)
SPCC-032
1 .6 (0 .064)
SPCC-064
Wire Dia.
Model
Material
mm (inch)
Number
0 .02 (0 .001)
SPCP-001
0 .05 (0 .002)
SPCP-002
0 .07 (0 .003)
SPCP-003
0 .13 (0 .005)
SPCP-005
0 .25 (0 .010)
SPCP-010
0 .38 (0 .015)
SPCP-015
0 .5 (0 .020)
SPCP-020
0 .8 (0 .032)
SPCP-032
1 .6 (0 .064)
SPCP-064
0 .07 (0 .003)
SPOP-003
0 .13 (0 .005)
SPOP-005
0 .25 (0 .010)
SPOP-010
0 .5 (0 .020)
SPOP-020
0 .8 (0 .032)
SPOP-032
0 .07 (0 .003)
SPON-003
0 .13 (0 .005)
SPON-005
0 .25 (0 .010)
SPON-010
0 .5 (0 .020)
SPON-020
0 .8 (0 .032)
SPON-032
0 .013 (0 .0005)
SPCH-0005
0 .02 (0 .001)
SPCH-001
0 .05 (0 .002)
SPCH-002
0 .07 (0 .003)
SPCH-003
0 .13 (0 .005)
SPCH-005
0 .25 (0 .010)
SPCH-010
0 .38 (0 .015)
SPCH-015
0 .5 (0 .020)
SPCH-020
0 .8 (0 .032)
SPCH-032
1 .6 (0 .064)
SPCH-064
3 .3 (0 .128)
SPCH-128
0 .013 (0 .0005)
SPCC-0005
0 .02 (0 .001)
SPCC-001
0 .05 (0 .002)
SPCC-002
0 .07 (0 .003)
SPCC-003
0 .13 (0 .005)
SPCC-005
0 .25 (0 .010)
SPCC-010
0 .38 (0 .015)
SPCC-015
0 .5 (0 .020)
SPCC-020
0 .8 (0 .032)
SPCC-032
1 .6 (0 .064)
SPCC-064
CHROMegA®
Iron
Constantan*
Constantan*
ALOMegA®
OMegA-P®
(Nicrosil)
OMegA-N®
(Nisil)
Copper
CHROMegA®
Constantan
*


Similar Part No. - SPIR-032

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
SPIR-032 OMEGA-SPIR-032 Datasheet
194Kb / 1P
Thermocouple Wire
More results

Similar Description - SPIR-032

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
logo
List of Unclassifed Man...
KA02 ETC2-KA02 Datasheet
97Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR
logo
ORION FANS
G172 ORIONFANS-G172 Datasheet
764Kb / 1P
WIRE DIAMETER
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
Pepperl+Fuchs Inc.
FB5205B PF-FB5205B Datasheet
597Kb / 3P
Thermocouple Converter
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
Thermocouple Converter
KFD0-TT-1 PF-KFD0-TT-1 Datasheet
896Kb / 5P
Thermocouple Converter
LB5002A PF-LB5002A Datasheet
569Kb / 3P
Thermocouple Converter
2021-12-01
LB5005A PF-LB5005A Datasheet
657Kb / 3P
Thermocouple Converter
2021-12-01
logo
Omega Engineering, Inc.
SPPL OMEGA-SPPL Datasheet
313Kb / 2P
Platinum-Rhodium-Single Fine-Diameter Thermocouple Wire for High-Temperature Applications
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com