Electronic Components Datasheet Search
  English  ▼

X  

MR100M Datasheet(PDF) 2 Page - RFE international

Part # MR100M
Description  FILM RESISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MR100M Datasheet(HTML) 2 Page - RFE international

  MR100M Datasheet HTML 1Page - RFE international MR100M Datasheet HTML 2Page - RFE international MR100M Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MR12
(0.125W)
MR25/M
(0.25W)
MR50/M
(0.50W)
MR100/M
(1W)
MR200/M
(2W)
MR300M
(3W)
Terminal Strength
Direct load for 10 sec. in the direction off the terminal leads
Tensile : ? 2.5Kg
Operating Temperature
ΔR ? ±(0.5% +0.05Ω)
ΔR ? ±(1.5% +0.05Ω)
Load Life
ΔR ? ±(1.5% +0.05Ω)
Dielectric Withstanding Voltage
ΔR ? ±(0.5% +0.05Ω)
Solering Heat Resistance
Insulation Resistance
JIS-C5202 5.6
In V-Block
>10,000MΩ
Solder Ability
JIS-C5202 6.5
95% minimum coverage
0.05%, 0.1%, 0.25%, 0.5%, 1%
Load Life in Humidity
ITEMS
Short Time Overload
Pulse Overload
ΔR ? ±(0.25% +0.05Ω)
ΔR ? ±(0.75% +0.05Ω)
-55°C to +155°C (derated at 70°C / see chart)
Temperature Coefficient (ppm / °C)
5ppm, 10ppm, 15ppm, 25ppm, 50ppm, 100ppm, 200ppm
Tolerance
ELECTRICAL CHARACTERISTICS
RoHS
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
FILM RESISTORS
CR Series: Standard Carbon Film
Page 2 of 3
DERATING CURVE
Ambient Temperature (°C)
Rated continuous Working Voltage (RCWV) =
VALUE
RESISTANCE
RATING
POWER
.
*
.
.
COLOR CODE CHART
Color
1st Band 2nd Band
3rd Band
Multiplier Tolerance Tolerance
(B ~ F Tol)
Code
Black
0
0
0
10
0
Brown
1
1
1
10 1
F
Red
2
2
2
10 2
G
Orange
3
3
3
10 3
Yellow
4
4
4
10
4
Green
5
5
5
10
5
D
Blue
6
6
6
10
6
C
Violet
7
7
7
10
7
B
A
Gray
8
8
8
10
8
White
9
9
9
10 9
Gold
10 -1
J
Silver
10 -2
K
1st Band
2nd Band
Multiplier
Tolerance
1st Band
2nd Band
3rd Band
Multiplier
Tolerance
≤
≥
C2FR06
2020.01.29
≤
≤
≤
≤
≤
≤
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
3Ws 2W
2Ws 1W
1/4Ws 1/8W
1/2Ws 1/4W
HOT-SPOT TEMPERATURE
Applied Load % of RCWV
1Ws 1/2W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com