Electronic Components Datasheet Search
  English  ▼

X  

SQP Datasheet(PDF) 1 Page - RFE international

Part # SQP
Description  Cement Box Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SQP Datasheet(HTML) 1 Page - RFE international

  SQP Datasheet HTML 1Page - RFE international SQP Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
68
Page 1 of 2
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com DEC-01-2023
INTRODUCTION
DIMENSION (mm) & RESISTANCE RANGE
PART NUMBER EXAMPLE
RESISTANCE RANGE
TOLERANCE
Cement Box Power Resistors
(M/N) SQP Series: Axial


Similar Part No. - SQP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQP ETC1-SQP Datasheet
36Kb / 2P
AXIAL LEAD TYPE Standard TypeSQP Series, Non-Inductive TypeNSP Series
logo
Welwyn Components Limit...
SQP WELWYN-SQP Datasheet
77Kb / 2P
Ceramic Case Resisters - Wirewound / Metal Oxide
logo
TT Electronics.
SQP TTELEC-SQP Datasheet
330Kb / 3P
High overload capability
logo
YAGEO Corporation
SQP YAGEO-SQP Datasheet
1Mb / 9P
Cement Resistors
Mar. 06, 2024 V.4
logo
TE Connectivity Ltd
SQP / SQM / SQZ TEC-SQP / SQM / SQZ Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - SQP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
logo
RFE international
MSQM5W-47K-J RFE-MSQM5W-47K-J Datasheet
122Kb / 1P
POWER RESISTORS (M)SQ(H, M, P, T, U, Z) Series: Cement Box
logo
MERITEK ELECTRONICS COR...
SQM MERITEK-SQM Datasheet
222Kb / 6P
Cement Wirewound Resistors (Radial Type)
logo
Welwyn Components Limit...
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
Cement Coated Wirewound Resistors
logo
RFE international
SQH RFE-SQH Datasheet
465Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQHG RFE-SQHG Datasheet
467Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQM RFE-SQM Datasheet
459Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.30
SQT RFE-SQT Datasheet
462Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.24
SQZ RFE-SQZ Datasheet
463Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com