Electronic Components Datasheet Search
  English  ▼

X  

SQZ Datasheet(PDF) 1 Page - RFE international

Part # SQZ
Description  CEMENT BOX POWER RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SQZ Datasheet(HTML) 1 Page - RFE international

  SQZ Datasheet HTML 1Page - RFE international SQZ Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RESISTANCE RANGE
PART NUMBER EXAMPLE
Series
Tolerance
MSQM 5W - 47K - J
Resistance
Size Code
C2CB04
2019.12.31
CEMENT BOX POWER RESISTORS
(M)SQZ Series: Snap In Radial Leaded
INTRODUCTION
Cement-Box type resistors offer a choice of resistive elements inside a white flameproof cement box. In addition
to being flameproof, these resistors are also non-corrosive and humidity proof. The available resistive elements
are:
SQ
- Standard wire wound
(all welded construction)
MSQ
- Metal oxide core
(low inductance, high resistance)
NSQ
- Non-Inductively wound
(Ayrton-Perry Method, all welded
construction)
DIMENSION
& RESISTANCE RANGE
(mm)
RoHS
Operating temperature range
● Wire wound : -55°C ~ + 155°C
● Metal oxide : -30°C ~ + 155°C
Ohm s
0.22
2.0
22
220
2.2K
22K
Code
0R22
2R0
22R
220R
2K2
22K
NOTE: All Specifications subject to change without notice.
Page 1 of 2
TOLERANCE other tolerance on request
Tolerance
± 1%
± 2%
± 5%
± 10%
Code
F
G
J
K
P
0.5
P3
P4
H1
W
H
L
SQZ
H2
P1
P2
L
H
W
P
H1
H2
P1
P2
P3
P4
SQZ3WS
25
9.5
9.5
10
24
9.5
4
2
7
1.4
0.1Ω ~ 50Ω
50Ω ~ 33KΩ
SQZ5WS
25
9.5
9.5
10
24
9.5
4
2
7
1.4
0.1Ω ~ 50Ω
50Ω ~ 50KΩ
SQZ5W
27
9.5
9.5
15
24
9.5
4
2
7
1.4
0.1Ω ~ 100Ω
100Ω ~ 50KΩ
SQZ7W
35
9.5
9.5
22.5
24
9.5
4
2
7
1.4
0.1Ω ~ 500Ω
500Ω ~ 50KΩ
SQZ10W
48
9.5
9.5
32.5
24
9.5
4
2
7
1.4
0.2Ω ~ 500Ω
500Ω ~ 50KΩ
SQZ15W
48
12.5
12.5
32.5
34.5
15
7
6
10
2.7
0.5Ω ~ 500Ω
500Ω ~ 150KΩ
SQZ20W
63.5
12.5
12.5
42.5
34.5
15
7
6
10
2.7
1Ω ~ 50Ω
500Ω ~ 150KΩ
1. Resistance Range for standard resistance, below or over this resistance range on request.
2. Non-inductive type up 50Ω only
Series
Resistance Range
Wire Wound
Metal Oxide
SQ_
MSQ_
Dimension (mm)


Similar Part No. - SQZ

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SQZ YAGEO-SQZ Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
SQZ10A YAGEO-SQZ10A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
SQZ15A YAGEO-SQZ15A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
SQZ20A YAGEO-SQZ20A Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
SQZ500 YAGEO-SQZ500 Datasheet
1Mb / 8P
Cement Resistors
Mar. 06, 2024 V.2
More results

Similar Description - SQZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
Metal Plate Cement Resistors
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
Cement Coated Wirewound Resistors
logo
RFE international
MSQM5W-47K-J RFE-MSQM5W-47K-J Datasheet
122Kb / 1P
POWER RESISTORS (M)SQ(H, M, P, T, U, Z) Series: Cement Box
logo
MERITEK ELECTRONICS COR...
SQM MERITEK-SQM Datasheet
222Kb / 6P
Cement Wirewound Resistors (Radial Type)
logo
Welwyn Components Limit...
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
Cement Coated Wirewound Resistors
logo
RFE international
SQH RFE-SQH Datasheet
465Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQHG RFE-SQHG Datasheet
467Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.31
SQM RFE-SQM Datasheet
459Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.30
SQP RFE-SQP Datasheet
786Kb / 2P
Cement Box Power Resistors
DEC-01-2023
SQT RFE-SQT Datasheet
462Kb / 2P
CEMENT BOX POWER RESISTORS
2019.12.24
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com