Electronic Components Datasheet Search
  English  ▼

X  

15K1A1237 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 15K1A1237
Description  D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket,snap and hex bolt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15K1A1237 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  15K1A1237 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15K1A1237 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
( 5 : 1 )
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
6STD25PoZ99S40X CONEC ABC
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE SHOULD
BE COVERED WITH A CONEC WATER
RESISTANT CAP OR WATER TIGHT HOOD.
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A1237
A3
1/2
D-SUB MALE 90°
SEE NOTES
Henneboel
04.12.12
04.12.12
Koch
25pos. SOLDER PIN ANGLED
with threaded insert, metal bracket,snap and hex bolt
18K1A306
2:1 (5:1)
6STD25P Z99S40X
a
Original
5 x b
Ä4569
04.12.2012
K.H.
38,86
- 0,02
0,23
+
10°
METAL BRACKET
O-RING
SEE NOTE 10
4-40 UNC
4-40 UNC
SEE NOTE 16
8,26 - 0,03
0,22
+
3,2 `0,2
SEALING
COMPOUND
RUBBER GASKET
PLACED ON TOP SURFACE
OF MALE INSULATOR
6,35 `0,3
61,4 - 0
0,3
+
POS. 1
POS. 14
4,8
SW
3,2
- 0,2
0,6
+
NOTES:
1. FOR WAVESOLDERING (SOLDER BATH TEMPERATURE 240°C FOR 5 SEC.
AND SOLDER PREHEAT 120°C FOR 120 SEC.)
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATORS: PBT GF UL 94 V-0, BLACK
4. CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
5. METAL BRACKETS: ZINC DIE CAST;
300µin COPPER/ 40-120µin NICKEL/120-200µin TIN
6. THREADED INSERTS: COPPER ALLOY;
min. 200µin TIN over 80µin NICKEL
7. COLLARS: COPPER ALLOY; NICKEL PLATED
8. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: Ø3,1±0,1; PCB THICKNESS 1,6mm
9. HEXLOCKING SCREWS: STAINLESS STEEL
10. FRAME: ZINC DIE CAST; NICKEL PLATED
11. O-RING: SILICON; BLUE
12. RUBBER GASKET: TPE
13. SEALING COMPOUND: PUR; BLUE
14. P.C.B. HOLE DRILLINGS AND RECOMMENDED PANEL CUT-OUT
ON SHEET 2
15. RECOMMENDED TORQUE FOR MOUNTING SCREW 35N cm (3.1 in.LB)
/ max. 40N cm (3.5 in.LB)
16. CONNECTOR IS PART MARKED: 6STD25P Z99S40X CONEC ABC (see note 4)
o
o
o
o
47,04 `0,13
Directive 2002/95/EC RoHS compliant
o
(see note 4)
b
b
b
b
b
PRESS FOR FIXING ON PCB
PCB-SNAP


Similar Part No. - 15K1A1237

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15K1A1237 CONEC-15K1A1237 Datasheet
314Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket,snap and hex bolt
04.12.12
More results

Similar Description - 15K1A1237

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
6STD09PAZ99S40X CONEC-6STD09PAZ99S40X Datasheet
239Kb / 2P
D-SUB MALE 90° 9pos. SOLDER PIN ANGLED with threaded insert, metal bracket,snap and hex bolt
03.12.12
6STD25PAT99S10X CONEC-6STD25PAT99S10X Datasheet
295Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket and hex bolt
18.10.10
6STD25PAT99S40X CONEC-6STD25PAT99S40X Datasheet
321Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket, snap and hex bolt
05.01.16
6STD25PAU99R10X CONEC-6STD25PAU99R10X Datasheet
305Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket and hex bolt
04.12.14
6STD25PAU99R20X CONEC-6STD25PAU99R20X Datasheet
306Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket and hex bolt
09.04.13
6STD25PAU99R30X CONEC-6STD25PAU99R30X Datasheet
319Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket, snap and hex bolt
10.05.16
6STD25PBU99R20X CONEC-6STD25PBU99R20X Datasheet
306Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket and hex bolt
09.04.13
6STD25PBZ99S40X CONEC-6STD25PBZ99S40X Datasheet
314Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket,snap and hex bolt
04.12.12
6STD25PCU99R20X CONEC-6STD25PCU99R20X Datasheet
306Kb / 2P
D-SUB MALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket and hex bolt
09.04.13
6STD25SAU99R30X CONEC-6STD25SAU99R30X Datasheet
998Kb / 2P
D-SUB FEMALE 90° 25pos. SOLDER PIN ANGLED with threaded insert, metal bracket, snap, hex bolt
16.03.16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com