Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 1 Page - RFE international

Part # ZMM5259B
Description  Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

ZMM5259B Datasheet(HTML) 1 Page - RFE international

  ZMM5259B Datasheet HTML 1Page - RFE international ZMM5259B Datasheet HTML 2Page - RFE international ZMM5259B Datasheet HTML 3Page - RFE international ZMM5259B Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
●
Ptot 500mW
●
Vz 2.4V-75V
Item
Symbol
Unit
Conditions
Max
Power dissipation
Ptot
mW
RthJA<300°C/W
500
Zener current
IZ
mA
Ptot /VZ
Tj
°C
175
Tstg
°C
-65 to
+175
(Ta=25 Unless otherwise specified )
Item
Symbol
Unit
Conditions
Max
Thermal resistance
RθJA
°C/W
junction to ambient air, on PC board
50mm×50mm×1.6mm
500
Forward voltage
VF
V
IF=200mA
1.1
Zener Diodes
ZMM52 Series
S-S333
07-30-2020
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Page 1 of 4
FEATURES
LIMITING VALUES (Absolute Maximum Rating)
Maximum Junction Temperature
Storage Temperature Range
°C
ELECTRICAL CHARACTERISTICS
Part
Number
Zener voltage range1)
Dynamic resistance
Test current
Reverse
leakage current
Temperature
Coefficient
VZ
rZjT at IZT
rZjK at IZK
IZT
IZK
IR at VR
TKVZ
V
Ω
Ω
mA
mA
μA
V
%K
Typ.
Min
Max
Typ.
Typ.
ZMM5221B
2.4
2.28
2.52
< 30
< 1200
20
0.25
< 100
1
< - 0.085
ZMM5222B
2.5
2.37
2.63
< 30
< 1250
20
0.25
< 100
1
< - 0.085
ZMM5223B
2.7
2.56
2.84
< 30
< 1300
20
0.25
< 75
1
< - 0.080
ZMM5224B
2.8
2.66
2.94
< 30
< 1400
20
0.25
< 75
1
< - 0.080


Similar Part No. - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
ZMM5259B JGD-ZMM5259B Datasheet
198Kb / 2P
SURFACE MOUNT ZENER DIODES/MINI MELF
logo
Diodes Incorporated
ZMM5259B DIODES-ZMM5259B Datasheet
80Kb / 3P
500mW SURFACE MOUNT ZENER DIODE
DS30024 Rev. C-2
logo
Weitron Technology
ZMM5259B WEITRON-ZMM5259B Datasheet
575Kb / 4P
Surface Mount Zener Diodes
logo
Pan Jit International I...
ZMM5259B PANJIT-ZMM5259B Datasheet
61Kb / 3P
SURFACE MOUNT ZENER DIODES
logo
TAITRON Components Inco...
ZMM5259B TAITRON-ZMM5259B Datasheet
204Kb / 5P
500mW Surface Mount Zener Diodes
More results

Similar Description - ZMM5259B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com