Electronic Components Datasheet Search
  English  ▼

X  

FDN304P Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDN304P
Description  SOT-23 Plastic-Encapsulate MOSFETS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

FDN304P Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  FDN304P Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. FDN304P Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. FDN304P Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MOSFET ELECTRICAL CHARACTERISTICS
Static Electrical Characteristics (Ta = 25 ℃ Unless Otherwise Noted)
Parameter
Symbol Test Condition
Min
Typ
Max
Unit
Static
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID = -250µA
-20
V
Gate-source threshold voltage
VGS(th)
VDS =VGS, ID = -250µA
-0.4
-1.5
V
Gate-source leakage
IGSS
VDS =0V, VGS = ±8V
±100
nA
Zero gate voltage drain current
IDSS
VDS = -16V, VGS =0V
-1
µA
Drain-source on-state resistancea
RDS(on)
VGS = -4.5V, ID = -2.4A
36
52
mΩ
VGS = -2.5V, ID = -2A
47
70
mΩ
VGS = -1.8V, ID = -1.8A
65
100
mΩ
Forward transconductancea
gfs
VDS = -4.5V, ID = -2.4A
12
S
Diode forward voltage
VSD
IS= -1A,VGS=0V
-0.8
-1.2
V
Dynamic
Input capacitance
Ciss
VDS = -10V,VGS =0V,
f=1MHz
1312
pF
Output capacitance
Coss
240
pF
Reverse transfer capacitanceb
Crss
106
pF
Total gate charge
Qg
VDS = -10V,VGS = -4.5V,
ID = -2.4A
12
nC
Gate-source charge
Qgs
2
nC
Gate-drain charge
Qgd
2
nC
Gate resistance
Rg
f=1MHz
0.5
3.2
Ω
Switchingbtr
Turn-on delay time
td(on)
VDS= -10V
RL=3.5Ω, ID ≈ -1A,
VGEN= -4.5V,Rg=3Ω
15
ns
Rise time
tr
15
ns
Turn-off delay time
td(off)
40
ns
Fall time
tf
25
ns
Drain-source body diode characteristicstr
Continuous Source-Drain Diode Current
IS
Tc=25℃
-1.2
A
Pulsed Diode forward Curren
ISM
-10
A
Note :
1. Repetitive Rating : Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t < 10 sec.
3. Pulse Test : Pulse Width≤300µs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.
2
www.umw-ic.com
友台半导体有限公司
SOT-23 Plastic-Encapsulate MOSFETS
UMW
R
UMW FDN304P



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com