Electronic Components Datasheet Search
  English  ▼

X  

LTM4683 Datasheet(PDF) 69 Page - Analog Devices

Part # LTM4683
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4683 Datasheet(HTML) 69 Page - Analog Devices

Back Button LTM4683 Datasheet HTML 65Page - Analog Devices LTM4683 Datasheet HTML 66Page - Analog Devices LTM4683 Datasheet HTML 67Page - Analog Devices LTM4683 Datasheet HTML 68Page - Analog Devices LTM4683 Datasheet HTML 69Page - Analog Devices LTM4683 Datasheet HTML 70Page - Analog Devices LTM4683 Datasheet HTML 71Page - Analog Devices LTM4683 Datasheet HTML 72Page - Analog Devices LTM4683 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 132 page
background image
LTM4683
69
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
A graphical representation of the aforementioned thermal
resistances is shown in Figure 34; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule package.
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal oper-
ating conditions of a µModule regulator. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through the
bottom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4683, be aware that there are multiple
power devices and components dissipating power, with
the consequence that the thermal resistances relative to
different junctions of components or die are not exactly
linear to total package power loss. To reconcile this com-
plication without sacrificing modeling simplicity—but
also, not ignoring practical realities—an approach has
been taken using FEA software modeling along with lab-
oratory testing in a controlled-environment chamber to
reasonably define and correlate the thermal resistance
values supplied in this data sheet: (1) Initially, FEA soft-
ware is used to accurately build the mechanical geometry
of the LTM4683 and the specified PCB with all of the cor-
rect material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
defined JEDEC environment consistent with JESD51-9
and JESD51-12 to predict power loss heat flow and
temperature readings at different interfaces that enable
the calculation of the JEDEC-defined thermal resistance
values; (3) the model and FEA software is used to evaluate
the LTM4683 with heat sink and airflow; (4) having solved
for and analyzed these thermal resistance values and sim-
ulated various operating conditions in the software model,
a thorough laboratory evaluation replicates the simulated
conditions with thermocouples within a controlled envi-
ronment chamber while operating the device at the same
power loss, which was simulated. The outcome of this
process and due diligence yields the set of derating curves
provided in later sections of this data sheet, along with
well-correlated JESD51-12-defined θ values provided in
the Pin Configuration section of this data sheet.
The 5V, 8V, and 12V power loss curves in Figure 35,
Figure 36, and Figure 37, respectively, can be used in
coordination with the load current derating curves in
Figure 41 through Figure 46 for calculating an approxi-
mate θJA thermal resistance for the LTM4683 with various
airflow conditions and without heat sinks. These thermal
resistances represent demonstrated performance of the
LTM4683 on hardware, a 8-layer FR4 PCB measuring
215mm × 160mm × 1.6mm using 2oz copper on all layers.
The power loss curves are taken at room temperature, and
are increased with multiplicative factors of 1.35 when the
junction temperature reaches 125°C. The derating curves
are plotted with the LTM4683’s paralleled outputs initially
sourcing up to 120A and the ambient temperature at 25°C.
The output voltages are 0.4V, 0.6V and 0.7V. These are
chosen to include the lower and higher output voltage
ranges for correlating the thermal resistance. Thermal
models are derived from several temperature measure-
ments in a controlled temperature chamber, along with
thermal modeling analysis. The junction temperatures are
monitored while the ambient temperature is increased
with and without airflow.
The power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at 125°C maximum while lowering output cur-
rent or power while increasing ambient temperature. The
decreased output current decreases the internal module
loss as the ambient temperature is increased. The moni-
tored junction temperature of 125°C minus the ambient
operating temperature specifies how much module tem-
perature rise can be allowed. As an example in Figure 43,
the load current is derated to ~84A at ~76°C ambient with
no air or heat sink, and the room temperature (25°C)
power loss for this 12VIN to 0.6VOUT at 84AOUT condition
is ~9.3W. A 12.56W loss is calculated by multiplying the
~9.3W room temperature loss from the 12VIN to 0.6VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com