Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7803
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices LTC7803 Datasheet HTML 13Page - Analog Devices LTC7803 Datasheet HTML 14Page - Analog Devices LTC7803 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
LTC7825
11
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The Typical Application on the first page of this data sheet
is a LTC7825 voltage divider circuit. The converter can
convert VHIGH voltage to VLOW voltage with a 2:1 step-
down ratio and supply 12A load current in steady-state
operation. In overcurrent or start-up conditions, the con-
verter automatically limits the VHIGH supply peak current
to 200mA for thermal protection.
VOLTAGE DIVIDER PRE-BALANCE BEFORE SWITCHING
In voltage divider applications, the LTC7825 can achieve
soft start-up to minimize the inrush current at all initial
conditions. The voltages on the flying capacitors and
VLOW capacitors are pre-charged to half of the VHIGH volt-
age internally. The pre-charge current during start-up is
around 200mA. To further minimize the thermal stress,
the TIMER pin can be used to control the pre-charge tim-
ing. The pre-charge is only enabled at 0.5 < VTIMER < 1.0V.
WINDOW COMPARATOR PROGRAMMING
In steady-state operation, VLOW voltage should be always
close to VHIGH/2. A floating window comparator monitors
the voltage on the VLOW pin and compares it with VHIGH/2.
The window hysteresis voltage can be programmed and
is equal to one fifth of the voltage at the HYS_PRGM
pin. There is a precision 10µA current flowing out of the
HYS_PRGM pin. A single resistor from the HYS_PRGM
pin to GND sets the HYS_PRGM pin voltage, which equals
the resistor value multiplied by 10µA current (e.g., the
voltage is 1V with a 100k resistor from the HYS_PRGM
pin to GND). With a 100k resistor on the HYS_PRGM pin,
the VHIGH/2 voltage has to be within (VLOW ± 200mV)
window during the normal operation, otherwise a fault is
triggered and the LTC7825 stops switching.
The window hysteresis voltage can be linearly pro-
grammed from 100mV to 480mV with different resistor
values on the HYS_PRGM pin. If the HYS_PRGM pin is
tied to SGND/INTVCC, a default 240mV/400mV hysteresis
window is applied internally. The hysteresis window volt-
age must be programmed large enough to tolerate the
VLOW pin voltage ripple and voltage drop at maximum
load conditions.
EFFECTIVE OPEN-LOOP OUTPUT RESISTANCE AND
LOAD REGULATION
The LTC7825 does not regulate the output voltage through
a feedback closed loop system. The VLOW voltage is very
close to half the VHIGH voltage in steady-state operation.
The output resistance is very low because RDS(ON) resis-
tance from VHIGH to VLOW is just 20mΩ to 30mΩ depend-
ing on the switching frequency and the capacitance of CFLY
and CLOW. If the output disconnect MOSFET is used, the
output resistance from VLOW to VOUT is around 2mΩ.
In many applications, multi-layer ceramic capacitors
(MLCC) are selected as flying capacitors. The voltage
coefficients of MLCC capacitors strongly depend on the
type and size of capacitors. Normally larger size X7R
MLCC capacitors are better than X5R in terms of voltage
coefficient. The MLCCs still drop 20% to 30% capacitance
with high DC bias voltage. Capacitance derating needs to
considered when estimating the output resistance of the
switched capacitor circuits.
INTVCC REGULATORS AND EXTVCC
The LTC7825 features a PMOS LDO that supplies power
to INTVCC from the VCC supply. INTVCC powers the gate
drivers and most of the LTC7825’s internal circuitry. The
linear regulator regulates the voltage at the INTVCC pin to
4.5V. EXTVCC connects to INTVCC through another PMOS
LDO and can supply the needed power when EXTVCC volt-
age is higher than 5V and VCC is higher than 6V. Both
LDOs can supply the driver current and must be bypassed
to ground with a minimum of 4.7µF ceramic capacitor
or low ESR electrolytic capacitor. Good bypassing is
needed to supply the high transient currents required by
the MOSFET gate drivers.
In high input voltage applications, the LDO loss may cause
the IC die temperature to rise. A low voltage supply on
the EXTVCC pin may be used to reduce the IC temperature
rise. When the voltage on the EXTVCC pin is higher than
5V, the linear regulator from EXTVCC is enabled. The junc-
tion temperature can be estimated by using the equations
given in Note 2 of the Electrical Characteristics. Using the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com