Electronic Components Datasheet Search
  English  ▼

X  

LTM4656 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4656
Description  36VIN, 12A Step-Up/Step-Down Buck-Boost μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4656 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4656 Datasheet HTML 8Page - Analog Devices LTM4656 Datasheet HTML 9Page - Analog Devices LTM4656 Datasheet HTML 10Page - Analog Devices LTM4656 Datasheet HTML 11Page - Analog Devices LTM4656 Datasheet HTML 12Page - Analog Devices LTM4656 Datasheet HTML 13Page - Analog Devices LTM4656 Datasheet HTML 14Page - Analog Devices LTM4656 Datasheet HTML 15Page - Analog Devices LTM4656 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTM4712
12
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
ISET pin if the ISET pin is float or ISET pin voltage higher
than 1.2V, the current limit is clamped at 50mV internally.
The input current limit function prevents overloading the
DC input source, while the output current limit provides
a building block for battery charger or LED driver applica-
tions. It can also serve as an extra current limit protection
for a constant-voltage regulation application. The input/
output current limit function has an operating voltage
range of GND to the absolute maximum VOUT/VIN (36V).
Output Current Monitor (IMON)
The IMON pin produces a voltage proportional to the volt-
age of ISP–ISN. When VISP – VISN = 0mV, IMON is 0.2V.
When VISP–VISN = 50mV, IMON is 1.2V.
Soft-Start Function
When a capacitor is connected to the SS pin, a soft-start
current of 2.5μA starts to charge the capacitor. A soft-
start function is achieved by controlling the output ramp
voltage according to the ramp rate on the SS pin. Current
foldback is disabled during this phase to ensure smooth
soft-start. When the chip is in the shutdown state with its
RUN pin voltage below 1.22V, the SS pin is actively pulled
to ground. The soft-start range is defined to be the voltage
range from 0V to 1.0V on the SS pin. The total soft-start
time can be calculated with Equation 6.
tSOFTSTART = 1.0 •
CSS
2.5µA
(6)
Regardless of the mode selected by the MODE pin, the
regulator always starts in pulse-skipping mode up to SS
= 1.0V.
Run Enable
The RUN pin is used to enable the power module. The
pin can be driven with a logic input, not to exceed 12V.
The RUN pin can also be used as an undervoltage lock-
out (UVLO) function by connecting a resistor from the
input supply to the RUN pin. Increasing the RUN pin volt-
age above 1.22V turns on the entire chip.
Stability Compensation
The LTM4712 has already been internally optimized and
compensated for all output voltages and capacitor com-
binations including all ceramic capacitor applications
when COMPb is tied to COMPa. For specific optimized
requirement, disconnect COMPb from COMPa and apply a
Type II C-R-C compensation network from COMPa to GND
to achieve external compensation. The LTpowerCAD®
design tool is available to download on-line to perform
specific control loop optimization and analyze the control
stability and load transient performance.
Fault Conditions: Current Limit and Current Foldback
The maximum inductor current is inherently limited in a
peak current mode controller with a 20A maximum cur-
rent limit.
To promote limit current in the event of a short-circuit to
ground, the LTM4712 includes foldback current limiting.
If the output falls by more than 40%, then the maximum
current is progressively lowered to about 4A.
Parallel Operations
For output loads that demand high current, multiple
LTM4712s can be paralleled with interleaving to provide
more output current without increasing input and output
voltage ripple. The SYNC pin allows the LTM4712 to syn-
chronize to the CLKOUT signal of another LTM4712. The
CLKOUT signal can be connected to the SYNC pin of the
following LTM4712 stage to line up both the frequency
and the phase of the entire system. Tying the PHMODE
pin to GND, floating or INTVCC generates a phase differ-
ence (between SW1 and CLKOUT) of 180°, 120° or 90°,
respectively for 2, 3, or 4 ICs parallel operations.
When designing multiple ICs parallel operations, always
start from the single LTM4712 design and check the out-
put current capability and load current transient stability.
Then the LTM4712s can be paralleled by making the fol-
lowing connections:
• Tie all VFB pins together
• Tie all COMP pins together (assuming COMPa short to
COMPb for initial debug)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com