Electronic Components Datasheet Search
  English  ▼

X  

FDV303 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # FDV303
Description  N-Channel 25 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

FDV303 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  FDV303 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. FDV303 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. FDV303 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. FDV303 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. FDV303 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
0.5
1
1.5
2
0
0.3
0.6
0.9
1.2
1.5
V
, DRAIN-SOURCE VOLTAGE (V)
3.5
2.7
2.5
2.0
1.5
DS
V
= 4.5V
GS
3.0
0
0.2
0.4
0.6
0.8
1
1.2
0.5
1
1.5
2
I
, DRAIN CURRENT (A)
V
= 2.0V
GS
2.7
3.0
4.5
D
3.5
2.5
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 4.5 V
GS
I =0.5 A
D
Figure 3. On-Resistance Variation
with Temperature.
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
V
, GATE TO SOURCE VOLTAGE (V)
25°C
125°C
V
= 5.0V
DS
GS
T = -55°C
J
Figure 5. Transfer Characteristics.
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
J
25°C
-55°C
V
= 0V
GS
SD
Figure 6. Body Diode Forward Voltage
Variation with Source Current and Temperature.
Figure 4. On Resistance Variation with
Gate-To- Source Voltage.
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.4
0.8
1.2
1.6
2
V
, GATE TO SOURCE VOLTAGE (V)
ID= 0.5A
GS
125°C
25°C
N-Channel 25 V (D-S) MOSFET
UMW
R
FDV303
www.umw-ic.com
3
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com