Electronic Components Datasheet Search
  English  ▼

X  

NE5018 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE5018
Description  8-Bit mp-compatible D/A converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5018 Datasheet(HTML) 3 Page - NXP Semiconductors

  NE5018 Datasheet HTML 1Page - NXP Semiconductors NE5018 Datasheet HTML 2Page - NXP Semiconductors NE5018 Datasheet HTML 3Page - NXP Semiconductors NE5018 Datasheet HTML 4Page - NXP Semiconductors NE5018 Datasheet HTML 5Page - NXP Semiconductors NE5018 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SE5018/5019
8-Bit
µp-compatible D/A converter
August 31, 1994
753
DC ELECTRICAL CHARACTERISTICS
VCC+=+15V, VCC-=-15V, SE5018. -55°C≤TA≤125°C, NE5018. 0°C≤TA≤70°C, unless otherwise specified. 1 Typical values are specified at 25°C.
SYMBOL
PARAMETER
TEST CONDITIONS
NE/SE5018
NE/SE5019
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
Resolution
8
8
8
8
8
8
Bits
Monotonicity
8
8
8
8
8
8
Bits
Relative accuracy
±0.19
±0.1
%FS
VCC+
Positive supply voltage
11.4
15
11.4
15
V
VCC-
Negative supply voltage
-11.4
-15
-11.4
-15
V
VIN(1)
Logic “1” input voltage
Pin 1=0V
2.0
2.0
V
VIN(0)
Logic “0” input voltage
Pin 1=0V
0.8
0.8
V
IIN(1)
Logic “1” input current
Pin 1=0V, 2V<VIN<18V
0.1
10
0.1
10
µA
IIN(0)
Logic “0” input current
Pin 1=0V, -5V<VIN<0.8V
-2.0
-10
-2.0
-10
µA
VFS
Full-scale output
Unipolar mode,
VREF=5.000V,
9.50
10.5
9.50
10.5
V
VFS
Full-scale output
all bits high, TA=25°C
+VFS
Full-scale output
Bipolar mode, VREF=5.000V
4.75
5.25
4.75
5.25
V
+VFS
Full-scale output
all bits high, TA=25°C
-VFS
Negative full scale
Bipolar mode,
VREF=5.000V,
-5.25
-4.75
-5.25
-4.75
V
-VFS
Negative full scale
all bits low, TA=25°C
VZS
Zero-scale Output
Unipolar mode,
VREF=5.000V
-30
+30
-30
+30
mV
VZS
Zero-scale Output
all bits low, TA=25°C
IOS
Output short circuit current
TA=25°C
VOUT=0V
15
40
15
40
mA
PSR+(OUT)
Output power supply
rejection (+)
V-=-15V, 13.5V
≤V+≤16.5V,
external VREF IN=5.000V
0.001
0.01
0.001
0.01
%FS
%VS
PSR-(OUT)
Output power supply
rejection (-)
V+=-15V, -13.5V
≤V-≤-16.5V,
external VREF IN=5.000V
0.001
0.01
0.001
0.01
%FS
%VS
TCFS
Full-scale temperature
coefficient
VREF IN=5.000V
20
20
ppm/
°C
TCZS
Zero-scale temperature coefficient
5
5
ppm/
°C
IREF
Reference output current
3
3
mA
IREFSC
Reference short circuit current
TA=25°C
VREF OUT=0V
15
30
15
30
mA
PSR+(REF)
Reference power supply rejection
(+)
V-=-15V, 13.5V
≤V+≤16.5V,
IREF=1.0mA
0.003
0.01
0.003
0.01
%VR/%VS
PSR-(REF)
Reference power supply rejection
(-)
V+=-15V, -13.5V
≤V-≤16.5V,
0.003
0.01
0.003
0.01
%VR/%VS
VREF
Reference voltage
IREF=1.0mA TA=25°C
4.9
5.0
5.25
4.9
5.0
5.25
V
TCREF
Reference voltage temperature co-
efficient
IREF=1.0mA
60
60
ppm/
°C
ZIN
DAC VREF IN input impedance
IREF=1.0mA, TA=25°C
4.15
5.0
5.85
4.15
5.0
5.85
k
Ω
ICC+
Positive supply current
VCC+=15V
7
14
7
14
mA
ICC-
Negative supply current
VCC-=-15V
-10
-15
-10
-15
mA
PD
Power dissipation
IREF=1.0mA, VCC=±15V
255
435
255
435
mW
NOTES:
1. Refer to Figure 1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com