Electronic Components Datasheet Search
  English  ▼

X  

HIP6521 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6521
Description  PWM and Triple Linear Power Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6521 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6521 Datasheet HTML 1Page - Intersil Corporation HIP6521 Datasheet HTML 2Page - Intersil Corporation HIP6521 Datasheet HTML 3Page - Intersil Corporation HIP6521 Datasheet HTML 4Page - Intersil Corporation HIP6521 Datasheet HTML 5Page - Intersil Corporation HIP6521 Datasheet HTML 6Page - Intersil Corporation HIP6521 Datasheet HTML 7Page - Intersil Corporation HIP6521 Datasheet HTML 8Page - Intersil Corporation HIP6521 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Block Diagram
SOFT-
START
INHIBIT/SOFT-START
COMP1
EA1
VCC
PWM
GND
OCSET
UGATE
40
µA
LGATE
PGND
DRIVE4
DRIVE3
FB3
DRIVE2
FB2
+
-
0.8V
POWER-ON
RESET (POR)
OSCILLATOR
+
-
GATE
CONTROL
VCC
AND FAULT
LOGIC
SYNC
DRIVE
DRIVE1
+
-
+
-
FB4
OCC
+
-
VCC
BOOT
x 0.70
PHASE
FB
COMP
EA2
EA3
EA4
UV2
UV3
UV4
+
-
+
-
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com