Electronic Components Datasheet Search
  English  ▼

X  

HT75XS Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # HT75XS
Description  Power supply equipment such as batteries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

HT75XS Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  HT75XS Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
友台半导体有限公司
1
www.umw-ic.com
LDO
75XX系列是采用 CMOS 工艺制造,低功耗的高压稳压器, 最高输入电压可达 30V,输出电压范围
为
1.5V~12.0V。它具有高精度的输出电压、极低的供电电流、极低的跌落电压等特点。
●
低功耗: ≤
3μA
●
低跌落电压:典型值
0.1V
●
低温漂:典型值
50 ppm/℃
●
高的输入电压:最高可达
30V
●
高精度的输出电压:容差为
+3%
●
封装形式:
TO-92、SOT89-3、SOT-23-3 、SOT23-5
■
●
电池等电源的供电设备
●
音频
/视频设备
●
各种通信设备
●
安防监控设备
SOT-23-3
VIN
GND
VOUT
名称
型号
最高输入电压
(V)
输出电压
(V)
容差
封装形式
75XX
7530
30
3.0
+ 3%
TO92
SOT89 -3
SOT-23-3
SOT-23-5
7533
30
3.3
+3%
7536
30
3.6
+3%
7544
30
4.4
+3%
7550
30
5.0
+ 3%
UMW
R
UMW HT75XX


Similar Part No. - HT75XS

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX HOLTEK-HT75XX Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
HT75XX HOLTEK-HT75XX Datasheet
85Kb / 4P
100mA Voltage Regulator
November 29, 2002
logo
ARTSCHIP ELECTRONICS CO...
HT75XX ARTSCHIP-HT75XX Datasheet
201Kb / 7P
High Driver Regulator
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
Low Dropout Regulators
logo
TECH PUBLIC Electronics...
HT75XX TECHPUBLIC-HT75XX Datasheet
2Mb / 5P
27V 100mA Positive voltage regulators
More results

Similar Description - HT75XS

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
APS75-30 LAMBDA-APS75-30 Datasheet
1Mb / 2P
AS-i Power Supply
MAF1206 LAMBDA-MAF1206 Datasheet
137Kb / 2P
Equipment Designed to Conform EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc
MBS1205 LAMBDA-MBS1205 Datasheet
205Kb / 3P
Equipment Designed to Meet EMI Regulations Such As VCCI,CISPR,FCC,VDE,etc???
logo
Toshiba Semiconductor
TLP1006A TOSHIBA-TLP1006A Datasheet
403Kb / 9P
HOME ELECTRIC EQUIPMENT SUCH AS VCR,CD PLAYER
TLP1023 TOSHIBA-TLP1023 Datasheet
364Kb / 7P
OA EQUIPMENT SUCH AS COPYING MACHINE, PRINTER, FACSMILE, ETC.
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
Electronic Equipment Such As VCRS And CD Players
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
Home Electronics Equipment Such As VCRS And CD Players
logo
PULS GmbH
SLA8.100 PULS-SLA8.100 Datasheet
252Kb / 4P
AS-Interface Power Supply
SLA4.100 PULS-SLA4.100 Datasheet
237Kb / 4P
AS-Interface Power Supply
logo
Shenzhen Huazhimei Semi...
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
OA equipments such as Fax machines
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com